Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1X70000 Datasheet(PDF) 10 Page - Epson Company

Part # S1X70000
Description  STANDARD CELL / EMBEDDED ARRAY
Download  379 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1X70000 Datasheet(HTML) 10 Page - Epson Company

Back Button S1X70000 Datasheet HTML 6Page - Epson Company S1X70000 Datasheet HTML 7Page - Epson Company S1X70000 Datasheet HTML 8Page - Epson Company S1X70000 Datasheet HTML 9Page - Epson Company S1X70000 Datasheet HTML 10Page - Epson Company S1X70000 Datasheet HTML 11Page - Epson Company S1X70000 Datasheet HTML 12Page - Epson Company S1X70000 Datasheet HTML 13Page - Epson Company S1X70000 Datasheet HTML 14Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 379 page
background image
Chapter 1 Overview
2
EPSON
STANDARD CELL S1K70000 SERIES
EMBEDDED ARRAY S1X70000 SERIES
!
Input buffers
F/O = 2, Standard Wiring Load, Typ. Condition
Operating Speed
Voltage
3.3-V Input Buffer
(Y Type)
2.5-V Input Buffer
(X Type)
Unit
3.3 V/1.8 V
181
ps
2.5 V/1.8 V
193
152
ps
1.8 V
255
191
ps
1.5 V
307
239
ps
!
Output buffers
CL = 15pF, Typ.Condition
Operating Speed
Voltage
3.3-V Input Buffer
(Y Type)
2.5-V Input Buffer
(X Type)
Unit
3.3 V/1.8 V
1.51
ns
2.5 V/1.8 V
1.67
1.28
ns
1.8 V
2.12
1.73
ns
1.5 V
2.71
2.21
ns
• Process
0.18 µm, 3/4/5/6-layered metalization
• Interface Levels
!
3.3-V buffers (Y type)
LVCMOS-, LVTTL-compatible
!
2.5-V buffers (X type)
LVCMOS-compatible
• Input Modes
!
3.3-V buffers (Y type)
LVCMOS, LVTTL, LVCMOS Schmitt
PCI-3 V, Gated input, Fail Safe input
May be provided with internal pull-up and pull-down
resistors (two resistance values for each)
!
2.5-V buffers (X type)
LVCMOS, LVCMOS Schmitt
Gated input, Fail Safe input
May be provided with internal pull-up and pull-down
resistors (two resistance values for each)
• Output Modes
Normal, 3-state, Bi-directional, and Fail Safe outputs


Similar Part No. - S1X70000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
112Kb / 2P
   Surface Mount Silicon Rectifier Diodes
logo
Semikron International
S1X SEMIKRON-S1X Datasheet
148Kb / 2P
   Standard silicon rectifier diodes
S1X SEMIKRON-S1X Datasheet
189Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
S1X DIOTEC-S1X Datasheet
113Kb / 2P
   Surface Mount Silicon Rectifier Diodes
S1X DIOTEC-S1X Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
More results

Similar Description - S1X70000

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Fujitsu Component Limit...
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
   Standard cell array
logo
Epson Company
S1X60000 EPSON-S1X60000 Datasheet
3Mb / 358P
   EMBEDDED ARRAY
logo
ATMEL Corporation
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
   Embedded ASIC Memory Cell
logo
Fujitsu Component Limit...
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
   Standard Cell
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
   Standard Cell
CE81 FUJITSU-CE81 Datasheet
122Kb / 14P
   Semicustom CMOS Embedded array
CE77 FUJITSU-CE77 Datasheet
160Kb / 24P
   Semicustom CMOS Embedded array
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
   Logic Cell Array Family
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101_04 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com