Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9412GH-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9412GH-HF
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9412GH-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9412GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9412GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9412GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9412GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Lower Gate Charge
BVDSS
30V
▼ Simple Drive Requirement
RDS(ON)
6mΩ
▼ Fast Switching Characteristic
ID
73A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
2.8
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
110
℃/W
Data & specifications subject to change without notice
200509072-1/4
Thermal Data
Parameter
Linear Derating Factor
0.36
Storage Temperature Range
Operating Junction Temperature Range
-55 to 175
-55 to 175
Total Power Dissipation
Gate-Source Voltage
±20
Continuous Drain Current
73
Continuous Drain Current
52
Pulsed Drain Current
1
250
Parameter
Rating
Drain-Source Voltage
30
AP9412GH/J
53.6
RoHS-compliant Product
G
D
S
TO-252(H)
The Advanced Power MOSFETs from APEC provide the designer with
the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-252 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(AP9412GJ) are available for low-profile applications.
G
D
S
TO-251(J)
G
D
S


Similar Part No. - AP9412GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9412GH A-POWER-AP9412GH Datasheet
70Kb / 4P
   Lower Gate Charge, Simple Drive Requirement
More results

Similar Description - AP9412GH-HF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com