Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140E-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SB140E-G
Description  Low VF/ESD Leaded Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB140E-G Datasheet(HTML) 2 Page - Comchip Technology

  SB140E-G Datasheet HTML 1Page - Comchip Technology SB140E-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDS0906002A
Page 2
Low VF/ESD Leaded Schottky Barrier Rectifiers
RATINGS AND CHARACTERISTIC CURVES SB120E-G thru SB1100E-G
Reverse Voltage (Volts)
1
10
100
Percent of Rated Peak Reverse Voltage ( %)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Lead Temperature ( °C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1.2
1.0
0.8
0.6
0.4
0.2
Fig. 3 - Typical Instantaneour Forward
Characteristics
Fig. 4A - Typical Reverse Characteristics
Instantaneous Forward Voltage (Volts)
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
100
1000
Fig. 4B - Typeical Reverse Characteristic
1
10
100
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
SB120E - SB145E
SB150E - SB1100E
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
0
0.2
0.4
0.6
0.8
1.0
pulse width =300µS
1% duty cycle, Tj
=25°C
10
1.0
0.1
0.01
SB120E - SB145E
SB150E - SB160E
SB180E - SB1100E
10
TJ=25°C
f=1.0MHz
Percent of Rated Peak Reverse Voltage ( %)
TJ=25°C
TJ=75°C
TJ=125°C
SB120E - SB145E
SB150E - SB1100E
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
1000
100
10
1.0
0.1
0.01
0
20
40
60
80
100
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C


Similar Part No. - SB140E-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Gulf Semiconductor
SB140E GULFSEMI-SB140E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
logo
Sirectifier Global Corp...
SB140E SIRECT-SB140E Datasheet
227Kb / 2P
   Power Schottky Rectifier - 1Amp 40~100Volt
logo
Pan Jit International I...
SB140E PANJIT-SB140E Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB140EH SIRECT-SB140EH Datasheet
184Kb / 3P
   Power Schottky Rectifier - 1Amp 40~200Volt
More results

Similar Description - SB140E-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB320E-G COMCHIP-SB320E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com