Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-4940RLWG_2015 Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-4940RLWG_2015
Description  40 km Digital DiagnosticMulti-Rate CPRI SM SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4940RLWG_2015 Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-4940RLWG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPB-4940RLWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1
V2.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2010/1/1
2.0
Extend data rate: from 1 Gb/s to 6.25Gb/s
2010/9/1


Similar Part No. - SPB-4940RLWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results

Similar Description - SPB-4940RLWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4310RW OPTOWAY-SPS-4310RW_15 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4920RLWG_2015 OPTOWAY-SPB-4920RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPS-4310RW_2015 OPTOWAY-SPS-4310RW_2015 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4840RLWG OPTOWAY-SPB-4840RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG_2015 OPTOWAY-SPB-4840RLWG_2015 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPS-4310RW-CXX0G OPTOWAY-SPS-4310RW-CXX0G Datasheet
165Kb / 5P
   6.144 Gbps / CWDM / 10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4820RLWG_2015 OPTOWAY-SPB-4820RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG_15 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com