Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-4940RLWG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-4940RLWG_2015
Description  40 km Digital DiagnosticMulti-Rate CPRI SM SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-4940RLWG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-4940RLWG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPB-4940RLWG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-4940RLWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2010/9/1
V2.0
1
SPB-4940RLWG / SPB-4940BRLWG / SPB-4940ARLWG
(RoHS Compliant)
6.144 Gbps / 1330 nm TX / 1270 nm RX / 40 km Digital Diagnostic Multi-Rate CPRI SM SFP+
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l CPRI / OBSAI Compatible Optical Interface
l 1 G to 6.25 G Multi-rate Specification
l Compliant with SFP+ MSA
l SFF-8472 Digital Diagnostic Function
l Simplex LC Connector
l 1330 nm DFB LD Transmitter
l 1270 nm Receiver
l Distance Up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-4940RLWG
l -10 to 85oC Operating: SPB-4940BRLWG
l -40 to 85oC Operating: SPB-4940ARLWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Radio Base Station
l OBSAI rates 6.144 Gb/s, 3.072 Gb/s, and 1.563 Gb/s
l CPRI rates 4.9152 Gb/s, 2.4576 Gb/s, and 1.2288 Gb/s
DESCRIPTION
The SPB-4940RLWG is a 1 to 6.25 Gb/s single-mode
transceiver module for serial optical communication
applications for a radio base station system by using 1330
nm transmitter and 1270 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C series bus
specified in the SFP MSA SFF-8472.
The transmitter
section uses a multiple quantum well 1330 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1270 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
RoHS
Compliant
SPB-4940RLWG
1 to 6.25
40
1330 DFB
1270
LC SFP+ with DMI
0 to 70
Yes
SPB-4940BRLWG
1 to 6.25
40
1330 DFB
1270
LC SFP+ with DMI
-10 to 85
Yes
SPB-4940ARLWG
1 to 6.25
40
1330 DFB
1270
LC SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPB-4940RLWG
SPB-4940BRLWG
SPB-4940ARLWG
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Power Supply Current
ICC (TX+RX)
270
320
mA
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPB-4940LWG
oC / SPB-4940BLWG
oC / SPB-4940ALWG
Data Rate
1
6.25
Gb/s


Similar Part No. - SPB-4940RLWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results

Similar Description - SPB-4940RLWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4310RW OPTOWAY-SPS-4310RW_15 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4920RLWG_2015 OPTOWAY-SPB-4920RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPS-4310RW_2015 OPTOWAY-SPS-4310RW_2015 Datasheet
165Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4840RLWG OPTOWAY-SPB-4840RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG_2015 OPTOWAY-SPB-4840RLWG_2015 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
   40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPS-4310RW-CXX0G OPTOWAY-SPS-4310RW-CXX0G Datasheet
165Kb / 5P
   6.144 Gbps / CWDM / 10 km Digital DiagnosticMulti-Rate CPRI SM SFP
SPB-4820RLWG_2015 OPTOWAY-SPB-4820RLWG_2015 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG_15 Datasheet
169Kb / 5P
   20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
   10 km Digital DiagnosticMulti-Rate CPRI SMSFP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com