Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-5780-1590G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-5780-1590G
Description  622 Mbps Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-5780-1590G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-5780-1590G Datasheet HTML 1Page - Optoway Technology Inc SPB-5780-1590G Datasheet HTML 2Page - Optoway Technology Inc SPB-5780-1590G Datasheet HTML 3Page - Optoway Technology Inc SPB-5780-1590G Datasheet HTML 4Page - Optoway Technology Inc SPB-5780-1590G Datasheet HTML 5Page - Optoway Technology Inc SPB-5780-1590G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-5780-1590G
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-5780-1590G / SPB-5780B-1590G / SPB-5780A-1590G
(SC)
(RoHS Compliant)
SPB-5780L-1590G / SPB-5780BL-1590G / SPB-5780AL-1590G
(LC)
1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-5780-1590G
l Simplex LC Connector: SPB-5780L-1590G
l 1590 nm DFB LD Transmitter
l 1510 nm Receiver
l Distance Up to 80 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPB-5780-1590G
l -10 to 85oC Operating : SPB-5780B-1590G
l -40 to 85oC Operating : SPB-5780A-1590G
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-5780-1590G series is small form factor pluggable
module for OC-12/STM-4 SONET/SDH and Fibre Channel
single fiber communications by using 1590 nm transmitter
and 1510 nm receiver. It is with the SFP 20-pin connector to
allow hot plug capability. The transmitter section uses a
multiple quantum well 1590 nm laser and is a class 1 laser
compliant according to International Safety Standard IEC
60825. The receiver section uses an integrated 1510 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-5780-1590G
622
80
1590 DFB
1510
SC SFP
0 to 70
2 to -3
-28
Yes
SPB-5780B-1590G
622
80
1590 DFB
1510
SC SFP
-10 to 85
2 to -3
-28
Yes
SPB-5780A-1590G
622
80
1590 DFB
1510
SC SFP
-40 to 85
2 to -3
-28
Yes
SPB-5780L-1590G
622
80
1590 DFB
1510
LC SFP
0 to 70
2 to -3
-28
Yes
SPB-5780BL-1590G
622
80
1590 DFB
1510
LC SFP
-10 to 85
2 to -3
-28
Yes
SPB-5780AL-1590G
622
80
1590 DFB
1510
LC SFP
-40 to 85
2 to -3
-28
Yes


Similar Part No. - SPB-5780-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-5780-1590G OPTOWAY-SPB-5780-1590G Datasheet
171Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps Single-Fiber SFP Transceiver
SPB-5780-1590G OPTOWAY-SPB-5780-1590G Datasheet
177Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps Single-Fiber SFP Transceiver
SPB-5780-1590G OPTOWAY-SPB-5780-1590G_08 Datasheet
177Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps Single-Fiber SFP Transceiver
SPB-5780-1590G OPTOWAY-SPB-5780-1590G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-5780-1590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-57120-1510G OPTOWAY-SPB-57120-1510G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G OPTOWAY-SPB-5720G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5720G_2015 OPTOWAY-SPB-5720G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5740G_2015 OPTOWAY-SPB-5740G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5620G OPTOWAY-SPB-5620G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5740G OPTOWAY-SPB-5740G_15 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-57120-1590G_2015 OPTOWAY-SPB-57120-1590G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5620G_2015 OPTOWAY-SPB-5620G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-5780-1510G_2015 OPTOWAY-SPB-5780-1510G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
SPB-57120-1510G_2015 OPTOWAY-SPB-57120-1510G_2015 Datasheet
177Kb / 6P
   622 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com