Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDT670UPE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMDT670UPE
Description  20 V, 550 mA dual P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMDT670UPE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMDT670UPE Datasheet HTML 4Page - NXP Semiconductors PMDT670UPE Datasheet HTML 5Page - NXP Semiconductors PMDT670UPE Datasheet HTML 6Page - NXP Semiconductors PMDT670UPE Datasheet HTML 7Page - NXP Semiconductors PMDT670UPE Datasheet HTML 8Page - NXP Semiconductors PMDT670UPE Datasheet HTML 9Page - NXP Semiconductors PMDT670UPE Datasheet HTML 10Page - NXP Semiconductors PMDT670UPE Datasheet HTML 11Page - NXP Semiconductors PMDT670UPE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PMDT670UPE
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 13 September 2011
8 of 16
NXP Semiconductors
PMDT670UPE
20 V, 550 mA dual P-channel Trench MOSFET
VDS > ID × RDSon
(1) Tj = 25 °C
(2) Tj = 150 °C
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 11. Normalized drain-source on-state resistance as
a function of ambient temperature; typical
values
ID = -0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
f = 1 MHz; VGS = 0 V
(1) Ciss
(2) Coss
(3) Crss
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
VGS (V)
0.0
-2.0
-1.5
-0.5
-1.0
017aaa367
-0.2
-0.3
-0.1
-0.4
-0.5
ID
(A)
0.0
(1)
(2)
Tj (°C)
-60
180
120
060
017aaa368
1.0
0.5
1.5
2.0
a
0.0
Tj (°C)
-60
180
120
060
017aaa369
-0.5
-1.0
-1.5
VGS(th)
(V)
0.0
(1)
(2)
(3)
017aaa370
VDS (V)
-10-1
-102
-10
-1
10
102
C
(pF)
1
(1)
(2)
(3)


Similar Part No. - PMDT670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDT670UPE NEXPERIA-PMDT670UPE Datasheet
262Kb / 14P
   20 V, 550 mA dual P-channel Trench MOSFET
28 December 2022
More results

Similar Description - PMDT670UPE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMDT670UPE NEXPERIA-PMDT670UPE Datasheet
262Kb / 14P
   20 V, 550 mA dual P-channel Trench MOSFET
28 December 2022
PMDT290UCE NEXPERIA-PMDT290UCE Datasheet
334Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
28 December 2022
logo
NXP Semiconductors
PMDT290UCE NXP-PMDT290UCE Datasheet
255Kb / 20P
   20 / 20 V, 800 / 550 mA N/P-channel Trench MOSFET
Rev. 1-6 October 2011
logo
Nexperia B.V. All right...
PMR670UPE NEXPERIA-PMR670UPE Datasheet
467Kb / 17P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1 - 13 September 2011
logo
NXP Semiconductors
PMR670UPE NXP-PMR670UPE Datasheet
190Kb / 16P
   20 V, 480 mA P-channel Trench MOSFET
Rev. 1-13 September 2011
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com