Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP337E Datasheet(PDF) 10 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP337E Datasheet HTML 6Page - Exar Corporation SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation SP337E Datasheet HTML 10Page - Exar Corporation SP337E Datasheet HTML 11Page - Exar Corporation SP337E Datasheet HTML 12Page - Exar Corporation SP337E Datasheet HTML 13Page - Exar Corporation SP337E Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FIGURE 7. RS-485 DRIVER ENABLE AND DISABLE TEST CIRCUIT
GENERATOR
50Ω
S1
R
L = 500Ω
OUT
C
L = 50pF
Tx
Vcc
B
A
DI
FIGURE 8. RS-485 DRIVER ENABLE AND DISABLE TIMING DIAGRAM
DE
OUT
Vcc/2
t
DZH
V
OM = (VOL + Vcc)/2
0.25V
Vcc
0
0
t
DHZ
FIGURE 9. RS-485 DRIVER ENABLE AND DISABLE TEST CIRCUIT 2
GENERATOR
50Ω
S1
R
L = 500Ω
OUT
C
L = 50pF
Tx
0
B
A
DI
Vcc
SP337E
10
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
REV. 1.0.2


Similar Part No. - SP337E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBCT-L EXAR-SP337EBCT-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBCY-L EXAR-SP337EBCY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-L EXAR-SP337EBET-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
More results

Similar Description - SP337E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com