Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP337E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP337E
Description  3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP337E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP337E Datasheet HTML 3Page - Exar Corporation SP337E Datasheet HTML 4Page - Exar Corporation SP337E Datasheet HTML 5Page - Exar Corporation SP337E Datasheet HTML 6Page - Exar Corporation SP337E Datasheet HTML 7Page - Exar Corporation SP337E Datasheet HTML 8Page - Exar Corporation SP337E Datasheet HTML 9Page - Exar Corporation SP337E Datasheet HTML 10Page - Exar Corporation SP337E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SP337E
7
REV. 1.0.2
3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
RS-232 (SP337EB ONLY) DATA RATE = 250kbps, ONE TRANSMITTER SWITCHING
Maximum Data Rate
250
kbps
RL = 3kΩ, CL = 2500pF
tPHL, tPLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figures 20 and 21
⏐tPHL-tPLH⏐ Receiver Skew
100
ns
CL = 150pF, Figures 20 and 21
tPHL, tPLH
Driver Propagation Delay
800
⏐tPHL-tPLH⏐ Driver Skew
400
ns
Receiver Output Enable time
400
ns
Receiver Output Disable time
400
ns
tTHL, tTLH
Transition-Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
4
30
V/
μs
Vcc = 3.3V, RL = 3kΩ to 7kΩ,
CL = 150pF to 2500pF,
Figures 18 and 19
RS-232 (SP337EU ONLY) DATA RATE = 1Mbps, ONE TRANSMITTER SWITCHING
Maximum Data Rate
1
Mbps RL = 3kΩ, CL = 250pF
tPHL, tPLH
Receiver Propagation Delay
100
ns
CL = 150pF, Figures 20 and 21
⏐tPHL-tPLH⏐ Receiver Skew
100
ns
CL = 150pF, Figures 20 and 21
tPHL, tPLH
Driver Propagation Delay
250
⏐tPHL-tPLH⏐ Driver Skew
150
ns
Receiver Output Enable time
400
ns
Receiver Output Disable time
400
ns
tTHL, tTLH
Transition-Region Slew Rate from
+3.0V to -3.0V or -3.0V to +3.0V
50
V/
μs
Vcc = 3.3V, RL = 3kΩ,
CL = 150pF, Figures 18 and 19
RS-485/RS-422 (SP337EB and SP337EU) DATA RATE = 15Mbps, ONE TRANSMITTER SWITCHING
Maximum Data Rate
15
20
Mbps RDIFF = 54Ω, CL = 50pF
tDPHL, tDPLH
Differential Output Propagation
Delay Time
60
120
ns
Figures 5 and 6
tR, tF
Driver Rise and Fall Time
15
25
ns
Figures 5 and 6
⏐tDPHL-
tDPLH
Driver Propagation Delay Skew
10
ns
Figures 5 and 6
tDZH, tDZL
Driver Output Enable Time
400
ns
Figures 7, 8, 9 and 10
tDHZ, tDLZ
Driver Output Disable Time
400
ns
Figures 7, 8, 9 and 10
tPHL, tPLH
Receiver Propagation Delay
80
150
ns
Figures 11 and 12
tZH
Receiver Enable to Output High
100
200
ns
Figures 13 and 14
tZL
Receiver Enable to Output Low
100
200
ns
Figures 13 and 15
tHZ
Receiver Output High to Disable
100
200
ns
Figures 13 and 16
tLZ
Receiver Output Low to Disable
100
200
ns
Figures 13 and 17
UNLESS OTHERWISE NOTED: VCC = +3.3V +/-5% OR +5.0V +/-5%, C1-C4 = 0.1
μF; TA = TMIN TO TMAX.
TYPICAL VALUES ARE AT VCC = 3.3V, TA = +25OC.
SYMBOL
PARAMETERS
MIN.TYP.
MAX.UNITS
CONDITIONS


Similar Part No. - SP337E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBCT-L EXAR-SP337EBCT-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBCY-L EXAR-SP337EBCY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-L EXAR-SP337EBET-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
More results

Similar Description - SP337E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP337EBET-0A-EB EXAR-SP337EBET-0A-EB Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336E EXAR-SP336E Datasheet
1Mb / 30P
   3.3V - 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com