Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS601M-01T Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS601M-01T
Description  Low Phase Noise Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601M-01T Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS601M-01T Datasheet HTML 1Page - Integrated Circuit Systems ICS601M-01T Datasheet HTML 2Page - Integrated Circuit Systems ICS601M-01T Datasheet HTML 3Page - Integrated Circuit Systems ICS601M-01T Datasheet HTML 4Page - Integrated Circuit Systems ICS601M-01T Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ICS601-01
Low Phase Noise Clock Multiplier
MDS 601-01 G
5
Revision 090800
Printed 11/14/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • www.icst.com
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC no. 95.)
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
ICS601M-01
ICS601M-01
tubes
16 pin narrow SOIC
0 to 70 °C
ICS601M-01T
ICS601M-01
tape and reel
16 pin narrow SOIC
0 to 70 °C
ICS601M-01I
ICS601M-01I
tubes
16 pin narrow SOIC -40 to 85 °C
ICS601M-01IT
ICS601M-01I
tape and reel
16 pin narrow SOIC -40 to 85 °C
ICS601G-01
ICS601G-01
tubes
16 pin TSSOP
0 to 70 °C
ICS601G-01T
ICS601G-01
tape and reel
16 pin TSSOP
0 to 70 °C
B
D
E
H
e
A1
C
A
16 pin narrow SOIC, TSSOP (in mm)
SOIC
SOIC
TSSOP
TSSOP
Symbol
Min
Max
Min
Max
A
1.35
1.75
-
1.20
A1
0.10
0.25
0.05
0.15
B
0.33
0.51
0.19
0.30
C
0.19
0.25
0.09
0.20
D
9.80
10.00
4.90
5.10
E
3.80
4.00
4.30
4.50
H
5.80
6.20
6.40 BSC
6.40 BSC
e
1.27 BSC
1.27 BSC
0.65 BSC
0.65 BSC
L
0.40
1.27
0.45
0.75
L


Similar Part No. - ICS601M-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601M-01T ICST-ICS601M-01T Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results

Similar Description - ICS601M-01T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
121412
logo
Integrated Circuit Syst...
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Integrated Device Techn...
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
logo
Renesas Technology Corp
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
051310
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com