Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-05 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS650-05
Description  HDTV Clock Synthesizer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-05 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS650-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICS650-05
HDTV Clock Synthesizer
MDS 650-05 A
2
Revision 081199
Printed 12/4/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • (408) 295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Pin #
Name
Type
Description
1
VDD
P
Connect to +3.3 V or +5.0 V. Must be same as other VDDs.
2
X2
XO
Crystal connection to a 27.0 MHz crystal or leave unconnected for clock input
3
X1/ICLK
XI
Crystal connection. Connect to a 27.0 MHz fundamental mode crystal or clock input.
4
VDD
P
Connect to +3.3 V or +5.0 V. Must be same as other VDDs.
5
VDD
P
Connect to +3.3 V or +5.0 V. Must be same as other VDDs.
6
GND
P
Connect to ground.
7
NC
-
No Connect. Do not connect anything to this pin.
8
27M
O
27 MHz buffered oscillator clock output.
9
13.5M
O
13.5 MHz clock output.
10
GND
P
Connect to ground.
11
GND
P
Connect to ground.
12
27M
O
27 MHz buffered clock output.
13
54M
O
54 MHz buffered clock output.
14
GND
P
Connect to ground.
15
GND
P
Connect to ground.
16
VDD
P
Connect to +3.3 V or +5.0 V. Must be same as other VDDs.
17
FRCLK
O
Frame Rate Clock as shown on table.
18
FRS
I
Frame Rate Frequency Select input pin. Determines FRCLK output as shown on table.
19
OE
I
Output Enable. Tri-states all clocks when low.
20
VDD
P
Connect to +3.3 V or +5.0 V. Must be same as other VDDs.
Pin Descriptions
Key: I = Input with internal pull-up; O = output; P = power supply connection; XI, XO = crystal
connections
1
16
2
3
4
15
14
13
VDD
NC
X2
VDD
20 pin SSOP (QSOP)
5
6
7
8
12
11
10
9
GND
OE
X1/ICLK
VDD
FRS
VDD
FRCLK
27M
GND
13.5M
27M
18
17
19
20
GND
VDD
54M
GND
GND
Pin Assignment
FRCLK Output Select Table (in MHz)
FRS Pin 18
FRCLK Pin 17
0
74.175824
1
74.250000


Similar Part No. - ICS650-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
   System Peripheral Clock Source
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
   SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
   System Peripheral Clock Source
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
   Broadcom Clock Source
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
More results

Similar Description - ICS650-05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS667-01 ICST-ICS667-01 Datasheet
130Kb / 5P
   HDTV CLOCK SYNTHESIZER
MK2716 ICST-MK2716 Datasheet
57Kb / 4P
   HDTV Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
   HDTV Audio/Video Clock Source
logo
Renesas Technology Corp
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
   HDTV AUDIO/VIDEO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
   HDTV Set-Top Clock Source
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
   HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com