Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1UM28YK0VF Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1UM28YK0VF
Description  Compact IR Detecting Unit for Remote Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1UM28YK0VF Datasheet(HTML) 4 Page - Sharp Corporation

  GP1UM28YK0VF Datasheet HTML 1Page - Sharp Corporation GP1UM28YK0VF Datasheet HTML 2Page - Sharp Corporation GP1UM28YK0VF Datasheet HTML 3Page - Sharp Corporation GP1UM28YK0VF Datasheet HTML 4Page - Sharp Corporation GP1UM28YK0VF Datasheet HTML 5Page - Sharp Corporation GP1UM28YK0VF Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sheet No.: OP06008
Fig.2 Standard Optical System
Transmitter
Reception distance:L
Light detector face illuminance:EV
VOUT
Fig.1 Transmitter
20cm
10kΩ
5V
VOUT
Oscilloscope
Transmitter (GL521 used)
f0 (*5)
Duty 50%
(EV is an illuminance by CIE standard light source A (tungsten lamp).)
Using the transmitter shown in Fig. 1, the output signal of the light detecting unit is good enough to meet the following items in the
Performance
standard optical system in Fig. 2.
1. Linear reception distance characteristics
*6 In case of B.P.F. center frequency f0 :56.8kHz model
When L=0.2 to 10.5(9.0)*6m, *7EV<10 lx and φ=0°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
2.Sensitivity angle reception distance characteristics
When L=0.2 to 7.5(6.0)*6m, *7EV<10 lx and φ≦30°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
3.Anti outer peripheral light reception distance characteristics
When L=0.2 to 5.0(4.0)*6m, *7*8EV≦300 lx and φ=0°in Fig.2, the output signal shall meet the electrical characteristics in the attached list.
*7 It refers to detector face illuminance
In the above figure, the transmitter should be set so that the output VOUT (P-P) can be 40mV.
However, the PD49PI to be used here should be of the short-circuit current ISC=2.6μA at EV =100 lx.
( φindicates horizontal and vertical directions.)
GP1UM26XK0VF/GP1UM27XK0VF Series
GP1UM28XK0VF/GP1UM28YK0VF Series
*8 Outer peripheral light source: CIE standard light source A shall be used and placed at 45°from perpendicular axis at the detector face center


Similar Part No. - GP1UM28YK0VF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1UM28YK SHARP-GP1UM28YK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
More results

Similar Description - GP1UM28YK0VF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1U26X SHARP-GP1U26X Datasheet
85Kb / 5P
   Compact IR Detecting Unit for Remote Control
GP1UM271XK SHARP-GP1UM271XK Datasheet
86Kb / 7P
   Compact IR Detecting Unit for Remote Control
GP1U57X SHARP-GP1U57X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58X SHARP-GP1U58X Datasheet
36Kb / 4P
   IR Detecting Unit For Remote Control
GP1U77R SHARP-GP1U77R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U90X SHARP-GP1U90X Datasheet
37Kb / 4P
   IR Detecting Unit for Remote Control
GP1U78R SHARP-GP1U78R Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U58Y SHARP-GP1U58Y Datasheet
37Kb / 4P
   IR Detecting Unit For Remote Control
GP1U78Q SHARP-GP1U78Q Datasheet
38Kb / 4P
   IR Detecting Unit For Remote Control
GP1UE27XK SHARP-GP1UE27XK Datasheet
86Kb / 7P
   Low Voltage Operation, Compact IR Detecting Unit for Remote Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com