Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J0C-0004NL Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # J0C-0004NL
Description  PulseJack Surface Mount 1x1
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J0C-0004NL Datasheet(HTML) 8 Page - Pulse A Technitrol Company

Back Button J0C-0004NL Datasheet HTML 4Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 5Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 6Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 7Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 8Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 9Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 10Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 11Page - Pulse A Technitrol Company J0C-0004NL Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
J409.N (05/13)
8
pulseelectronics.com
PulseJack™
Surface Mount 1x1
J0C Application Note
This line of 10/100Base-TX SMT RJ45 1X1 Connector
Magnetics Modules has been specifically designed for
the implementation of a 10Base-T and 100Base-TX
transmission over data-grade unshielded twisted pair
cable (UTP-3, 5e and 6).
The connectors provide excellent EMI filtering and are
suitable for adapter card and multiport applications. Pulse
has worked closely with the leading IC manufacturers
in providing these 10/100 solutions, thereby assuring
compatibility with each transceiver.
The JC0 series meets the stringent open circuit
inductance requirements imposed by IEEE. When an 8mA
DC current is applied across the transformer windings, the
transformer will provide at least 350µH. The transformers
used in each module also provide 1500Vrms minimum
isolation, wide bandwidth with minimal attentuation and
fast rise times to minimize system level jitter.
The 1X1 SMT RJ45 connectors manufactured by Pulse
are designed to meet all published specifications after
exposure to surface mount soldering temperatures.
The SMT are robust enough to withstand convection
and infrared reflow solder temperatures. Additionally,
compliant leads provide excellent solder-joint reliability
with a coplanarity of 0.10 (0.004”).
Note: Modules are packaged in trays, unless Tape & Reel
is specified (ex: J0C-0003
NL for Trays and J0C-0003NLT
for Tape & Reel).
J0C-0003NL/04NL Connector
PCB Layout Recommendations:
1. For maximum EMI suppression (electromagnetic interference)
3. Connections between the 10/100 IC and the
place the decoupling capacitors adjacent to VCC and 50
Ω
SMT connector should be direct (ideally no change
connections.
in direction) and of minimum length.
2. Connections to ground should be as short as possible.


Similar Part No. - J0C-0004NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0C-0004NL PULSE-J0C-0004NL Datasheet
1Mb / 12P
   RoHS peak wave reflow temperature rating 245 C J0C SMT product, reduced size and low cost alternative to JV series
J0C-0004NL PULSE-J0C-0004NL Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J0C-0004NL PULSE-J0C-0004NL Datasheet
544Kb / 12P
   Surface Mount 1x1
J0C-0004NL PULSE-J0C-0004NL Datasheet
1Mb / 12P
   Surface Mount 1x1
More results

Similar Description - J0C-0004NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J3026G01DNLT PULSE-J3026G01DNLT Datasheet
1Mb / 13P
   PulseJack??Surface Mount 1x1
J3011G21DNLT PULSE-J3011G21DNLT Datasheet
1Mb / 12P
   PulseJack??Surface Mount 1x1
JXR0-0011NL PULSE-JXR0-0011NL Datasheet
742Kb / 5P
   PulseJack 1X1 Tab-Down RJ45
JXR1-0015NL PULSE-JXR1-0015NL Datasheet
897Kb / 5P
   PulseJack??1X1 Tab-Up RJ45
J409 PULSE-J409_15 Datasheet
1Mb / 12P
   Surface Mount 1x1
J0C-0003 PULSE-J0C-0003 Datasheet
544Kb / 12P
   Surface Mount 1x1
JXT4-1128HL PULSE-JXT4-1128HL Datasheet
805Kb / 4P
   PulseJack™ 1X1 Tab-Down, Low profile Industrial ICM for PCI Express
J502.A 4/22
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
J410 PULSE-J410 Datasheet
949Kb / 6P
   PulseJack 1xN Tab-Up
JK0-0133NL PULSE-JK0-0133NL Datasheet
258Kb / 5P
   PULSEJACK Single-Port Gigabit PoE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com