Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9620ARLG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-9620ARLG
Description  3.2Gb/s Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9620ARLG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-9620ARLG Datasheet HTML 1Page - Optoway Technology Inc SPB-9620ARLG Datasheet HTML 2Page - Optoway Technology Inc SPB-9620ARLG Datasheet HTML 3Page - Optoway Technology Inc SPB-9620ARLG Datasheet HTML 4Page - Optoway Technology Inc SPB-9620ARLG Datasheet HTML 5Page - Optoway Technology Inc SPB-9620ARLG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPB-9620RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009
V2.0
5
PACKAGE DIAGRAM
Units in mm
A) SC SFP
B) LC SFP
Note: Specifications subject to change without notice.


Similar Part No. - SPB-9620ARLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9620ARLG OPTOWAY-SPB-9620ARLG Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 3.2Gb/s Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9620ARLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9605RG OPTOWAY-SPB-9605RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9720RG_2015 OPTOWAY-SPB-9720RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9605RG_2015 OPTOWAY-SPB-9605RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9720RG OPTOWAY-SPB-9720RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9620RG OPTOWAY-SPB-9620RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RG OPTOWAY-SPB-9640RG_15 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RG_2015 OPTOWAY-SPB-9640RG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Single-Fiber SFP Transceiver
SPB-9640RWG_2015 OPTOWAY-SPB-9640RWG_2015 Datasheet
187Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9605RWG_2015 OPTOWAY-SPB-9605RWG_2015 Datasheet
255Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9640RWG OPTOWAY-SPB-9640RWG_15 Datasheet
187Kb / 6P
   3.2Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com