Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS674-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS674-01
Description  User Configurable Divider
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS674-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS674-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS674-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ICS674-01
User Configurable Divider
MDS 674-01 A
6
Revision 033199
Printed 11/15/00
Integrated Circuit Systems • 525 Race Street • San Jose • CA • 95126 •(408)295-9800tel•(408)295-9818fax
PRELIMINARY INFORMATION
While the information presented herein has been checked for both accuracy and reliability, ICS assumes no responsibility for either its use or for the infringement of any patents or
other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications.
Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life
support devices or critical medical instruments.
Package Outline and Package Dimensions
b
D
EH
e
Q
c
h x 45°
L
28 pin SSOP
Inchees
Millim
meters
Symbol
Min
Max
Min
Max
A
0.061
0.068
1.55
1.73
b
0.008
0.012
0.203
0.305
c
0.007
0.010
0.191
0.254
D
0.385
0.400
9.779
10.160
E
0.150
0.160
3.810
4.064
H
0.230
0.245
5.842
6.223
e
.025 BSSC
0.635 B
BSC
h
0.016
0.406
Q
0.004
0.01
0.102
0.254
L
0.016
0.035
0.406
0.889
Ordering Information
Part/Order Number
Marking *
Package
Temperature
ICS674R-01
674R-01
28 pin narrow SSOP
0 to 70 °C
ICS674R-01T
674R-01
28 pin SSOP on tape and reel
0 to 70 °C
ICS674R-01I
674R-01I
28 pin narrow SSOP
-40 to 85 °C
ICS674R-01IT
674R-01I
28 pin SSOP on tape and reel
-40 to 85 °C
*
This shows the top line marking. The part will have the letters ICS in a box on the upper left
hand corner.


Similar Part No. - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
   USER CONFIGURABLE DIVIDER
logo
Renesas Technology Corp
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
   USER CONFIGURABLE DIVIDER
REV H 051310
More results

Similar Description - ICS674-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS674-01 RENESAS-ICS674-01 Datasheet
287Kb / 9P
   USER CONFIGURABLE DIVIDER
REV H 051310
logo
Integrated Device Techn...
ICS674-01 IDT-ICS674-01 Datasheet
109Kb / 8P
   USER CONFIGURABLE DIVIDER
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
   USER CONFIGURABLE CLOCK
AUGUST 23, 2021
logo
Integrated Circuit Syst...
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
   User Configurable Clock
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS5250708 ICST-ICS5250708 Datasheet
187Kb / 9P
   LVCMOS User Configurable Clock
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
   Automotive user configurable airbag IC
October 2016 Rev 3
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
   User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
Integrated Circuit Syst...
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
   OSCaR-TM User Configurable PECL Clock
logo
Vicor Corporation
MEGAPAC VICOR-MEGAPAC Datasheet
533Kb / 10P
   User- and Field-Configurable Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com