Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS90C65 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS90C65
Description  Dual Voltage Video/Memory Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS90C65 Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 9Page - Integrated Circuit Systems ICS90C65 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Absolute Maximum Ratings
Ambient Temperature
under bias
0
°C to 70°C
Storage temperature
-40
°C to 125°C
Voltage on all inputs and
outputs with respect to VSS
0.3 to 7 volts
Note: Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect product reliability.
Standard Test Conditions
The characteristics below apply for the following standard test
conditions, unless otherwise noted. All voltages are referenced
to VSS (OV Ground). Positive current flows into the refer-
enced pin.
Operating Temperature
range
0
°C to 70°C
Power supply voltage
3.0 to 5.25 volts
SYMBOL
PARAMETER
MIN
MAX
NOTES
STROBE TIMING
Tpw
Tsu
Thd
Strobe Pulse Width
Setup Time Data to Strobe
Hold Time Data to Strobe
20
20
10
-
-
-
MCLK and VCLK TIMINGS @ 5.0V
Tr
Tf
-
-
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
Propagation Delay for Pass Through
Frequency
Output Enable to Tristate
(into and out of) time
-
-
-
2
2
0.5
135
20
15
Duty Cycle 40% min. to
60% max.
%
MHz
ns
ns
MCLK and VCLK TIMINGS @ 3.3V
Tr
Tf
-
-
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
Propagation Delay for Pass Through
Frequency
Output Enable to Tristate
(into and out of) time
-
-
-
3
3
.5
110
30
20
Duty Cycle 40% min. to
60% max.
%
MHz
ns
ns
AC Timing Characteristics
The following notes apply to all of the parameters presented in this section:
1. REFCLK = 14.318 MHz
2. TC = 1/FC
3. All units are in nanoseconds (ns).
4. Maximum jitter is within a range of 30
µs after triggering on a 400 MHz scope.
5. Rise and fall time is between 0.8 and 2.0 VDC unless otherwise stated.
6. Output pin loading = 15pF
7. Duty cycle is measured at VDD/2 unless otherwise stated.
ICS90C65
6


Similar Part No. - ICS90C65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
ICS9107C-21CS08 ICST-ICS9107C-21CS08 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
ICS9107C-22CS08 ICST-ICS9107C-22CS08 Datasheet
151Kb / 4P
   Frequency Generator for Fibre Channel Systems
ICS9108-03CN14 ICST-ICS9108-03CN14 Datasheet
323Kb / 8P
   CPU Frequency Generator
ICS9108-03CN8 ICST-ICS9108-03CN8 Datasheet
323Kb / 8P
   CPU Frequency Generator
More results

Similar Description - ICS90C65

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
   Dual Video/Memory Clock Generator
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
   Dual Memory Clock Generator
logo
Integrated Circuit Syst...
ICS9222-01 ICST-ICS9222-01 Datasheet
93Kb / 6P
   Dual Memory Clock Generator
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
logo
Integrated Circuit Syst...
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
   Differential Output Video Dot Clock Generator
logo
Rohm
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Rohm
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com