Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD671 Datasheet(PDF) 4 Page - Analog Devices

Part # AD671
Description  Monolithic 12-Bit 2 MHz A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD671 Datasheet(HTML) 4 Page - Analog Devices

  AD671_15 Datasheet HTML 1Page - Analog Devices AD671_15 Datasheet HTML 2Page - Analog Devices AD671_15 Datasheet HTML 3Page - Analog Devices AD671_15 Datasheet HTML 4Page - Analog Devices AD671_15 Datasheet HTML 5Page - Analog Devices AD671_15 Datasheet HTML 6Page - Analog Devices AD671_15 Datasheet HTML 7Page - Analog Devices AD671_15 Datasheet HTML 8Page - Analog Devices AD671_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD671–SPECIFICATIONS
DIGITAL SPECIFICATIONS
(For all grades TMIN to TMAX, with VCC = +5 V
5%, VLOGIC = +5 V
10%, VEE = –5 V
5%, VREF = +5.000 V, unless otherwise noted)
REV. B
–4–
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUT
High Level Input Voltage
VIH
+2.0
V
Low Level Input Voltage
VIL
+0.8
V
High Level Input Current (VIN = VLOGIC)IIH
–10
+10
µA
Low Level Input Current (VIN = 0 V)
IIL
–10
+10
µA
Input Capacitance
CIN
5pF
LOGIC OUTPUTS
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Output Capacitance
COUT
5pF
Specifications shown in boldface are tested on all devices at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min and max
specifications are guaranteed, although only those shown in boldface are tested.
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Units
Conversion Time
(AD671-500)
tC
475
500
ns
(AD671-750)
tC
725
750
ns
ENCODE Pulse Width High
(AD671-500)
tENC
20
30
ns
(AD671-750)
tENC
20
50
ns
ENCODE Pulse Width Low
tENCL
20
ns
DAV Pulse Width
(AD671-500)
tDAV
75
200
ns
(AD671-750)
tDAV
75
300
ns
ENCODE Falling Edge Delay
tF
0ns
Start New Conversion Delay
tR
0ns
Data and OTR Delay from DAV Falling Edge
tDD
1
20
75
ns
Data and OTR Valid before DAV Rising Edge
tSS
2
20
75
ns
NOTES
1t
DD is measured from when the falling edge of DAV crosses 0.8 V to when the output crosses 0.4 V or 2.4 V with a 25 pF load capacitor on each output pin.
2t
SS is measured from when the outputs cross 0.4 V or 2.4 V to when the rising edge of DAV crosses 2.4 V with a 25 pF load capacitor on each output pin.
(For all grades TMIN to TMAX with VCC = +5 V
5%, VLOGIC = +5 V
10%, VEE = –5 V
5%, VIL = 0.8 V, VIH = 2.0 V, VOL = 0.4 V and VOH = 2.4 V)
Figure 1. AD671 Timing Diagrams
a. Encode Pulse HIGH
b. Encode Pulse LOW
OBSOLETE


Similar Part No. - AD671_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD671JD-500 AD-AD671JD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671JD-750 AD-AD671JD-750 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671KD-500 AD-AD671KD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671KD-750 AD-AD671KD-750 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD671SD-500 AD-AD671SD-500 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
More results

Similar Description - AD671_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD671 AD-AD671 Datasheet
485Kb / 16P
   Monolithic 12-Bit 2 MHz A/D Converter
REV. B
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
logo
National Semiconductor ...
CLC5957 NSC-CLC5957 Datasheet
631Kb / 12P
   12-bit, 70MSPS Broadband Monolithic A/D Converter
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V_01 Datasheet
92Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com