Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-AC24V Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # HP3-AC24V
Description  Interchangeable with existing models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP3-AC24V Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button HP3-AC24V Datasheet HTML 3Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 4Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 5Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 6Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 7Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 8Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 9Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 10Page - Panasonic Semiconductor HP3-AC24V Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HP
ACCESSORIES for HP2 and HP4 types
HP Bracket (with 2 screws, 2 washers)
HP4-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or the rear
of the panel.
5
.197
5
.197
56
2.205
22
.866
4.1
.161
6.2
.244
58
2.283
38
1.496
33
1.299
5.5
.217
13
.512
1.0 .039
6 .236
48
±0.2
1.890
±.008
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
34 +1
–0
1.339
+.039
–0
48 +1
–0
+.039
–0
48
±0.5
1.890
±.020
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
39 +1
–0
1.535
+.039
–0
58 +1
–0
2.284+.039
–0
HOLD-DOWN CLIP
HP RELAY
4 mm SCREW
SPRING WASHER
PANEL
HP SOCKET
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
PANEL
SPRING WASHER
4 mm SCREW
13
.512
14
.551
52
±3
2.047
±.118
53
±3
2.087
±.118
mm inch
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
HP4-SFD (with hold-down clip)
Front wiring in restricted space.
Two HP2 relays can be mounted in one socket.
80±1
3.150±.039
35.4±0.5
1.394±.020
23.8±0.6
.937±.024
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
Max. 85 3.346
Max. 89 3.504
10±0.6
.394±.024
33.8±0.6
1.331±.024
37.9±0.6
1.492±.024
HOLD DOWN CLIP
HP4 RELAY
58±1
2.283±.039
36±1
1.417±.039
69±1
2.717±.039
6±0.3
.236±.012
53±0.6
2.087±.024
15±0.2
.591±.008
15±0.2
.591±.008
4.1±0.3
.161±.012
25±0.1
.984±.004
5.8±0.2
.228±.008
10±0.2
.394±.008
10±0.2
.394±.008
7.5±0.2
.295±.008
9.5±0.2
.374±.008
0.6±0.15
.024±.006
Mounting dimensions
12
.472
53±0.2
2.087±.008
53±0.2
2.087±.008
2-M4 .157 SCREW HOLE or
4.2±0.1 .165±.004 DIA. HOLE
Panel hole dimensions
for side-by-side installation
61
2.402
61
2.402
4 .157
69±0.5
2.717±.020
80
3.150
Note: Hold down clip and installation screw block are
included in package.
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
The HP Bracket is used for mounting
HP2 relays and HP4 relays directly to the
panel. It facilitates soldering or quick
connections with Faston 205 tab 0.8 mm
.031 inch.
Notes:
1. This bracket is unavailable for UL,
CSA and VDE applications.
2. When using the special bracket, it is
recommended to use the screws and
washers called out in the chart in the next
page in order to eliminate any possible
damage to the relay coil.
Mounting methods
(a) Remove the M3
× 7 screw (red
colored) fixed to the relay, and place the
bracket on the relay with the attaching M3
× 7 screw (blue colored) and the spring
washer.
(b) Use the additional M3
× 7 screw and
washer for attaching the bracket to the
panel.
For the HP4 type relay
two brackets are used
Keying tab.
8
.315
14
.551
4
.158
23
.906
20
.787
8.5
.335
1
.039
14
.551
90
°±3°
2 .079
3.5 DIA. HOLE
.138 DIA. HOLE
3 DIA. HOLE
.118 DIA. HOLE
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - HP3-AC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HP3-AC24V PANASONIC-HP3-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
More results

Similar Description - HP3-AC24V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com