Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148YF-111 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9148YF-111
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148YF-111 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9148YF-111 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 9Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 10Page - Integrated Circuit Systems ICS9148YF-111 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
ICS9148-111
Third party brands and names are the property of their respective owners.
Pins 2, 7, 8, 25 & 26 on the ICS9148-111 serve as dual signal
functions to the device. During initial power-up, they act as
input pins. The logic level (voltage) that is present on these
pins at this time is read and stored into a 4-bit internal data
latch. At the end of Power-On reset, (see AC characteristics
for timing values), the device changes the mode of operations
for these pins to an output function. In this mode the pins
produce the specified buffered clocks to external loads.
To program (load) the internal configuration register for these
pins, a resistor is connected to either the VDD (logic 1)
power supply or the GND (logic 0) voltage potential. A 10
Kilohm(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Figs. 1 and 2 show the recommended means of implementing
this function. In Fig. 1 either one of the resistors is loaded
onto the board (selective stuffing) to configure the device’s
internal logic. Figs. 2a and b provide a single resistor loading
option where either solder spot tabs or a physical jumper
header may be used.
Shared Pin Operation -
Input/Output Pins
Fig. 1
These figures illustrate the optimal PCB physical layout
options. These configuration resistors are of such a large
ohmic value that they do not effect the low impedance clock
signals. The layouts have been optimized to provide as little
impedance transition to the clock signal as possible, as it
passes through the programming resistor pad(s).


Similar Part No. - ICS9148YF-111

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148YF-10 ICST-ICS9148YF-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
ICS9148YF-12 ICST-ICS9148YF-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148YF-12LF-T RENESAS-ICS9148YF-12LF-T Datasheet
696Kb / 19P
   Frequency Timing Generator for Pentium/ProTM or TransmetaTM EfficeonTM
2019
logo
Integrated Circuit Syst...
ICS9148YF-17-T ICST-ICS9148YF-17-T Datasheet
466Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
More results

Similar Description - ICS9148YF-111

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com