Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148-13 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9148-13
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148-13 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9148-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9148- 13
Electrical Characteristics - BUS
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Output High Voltage
VOH1
IOH = -11 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
46
mA
Rise Time
tr1
1
VOL = 0.8 V, VOH = 2.4 V
1.7
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.8 V
1.5
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51
55
%
Skew
tsk1
1
VT = 1.5 V
200
500
ps
Jitter
tj1s1
1
VT = 1.5 V
30
150
ps
tjabs1
1
VT = 1.5 V
-250
110
250
ps
1
Guarenteed by design, not 100% tested in production.


Similar Part No. - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
   Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-111 ICST-ICS9148-111 Datasheet
710Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
More results

Similar Description - ICS9148-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
   Frequency Generator and Integrated Buffer for PENTIUMTM
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
   Frequency Generator & Integrated Buffers
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com