Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD846 Datasheet(PDF) 10 Page - Analog Devices

Part # AD846
Description  450 V/ms, Precision, Current-Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD846_15 Datasheet HTML 4Page - Analog Devices AD846_15 Datasheet HTML 5Page - Analog Devices AD846_15 Datasheet HTML 6Page - Analog Devices AD846_15 Datasheet HTML 7Page - Analog Devices AD846_15 Datasheet HTML 8Page - Analog Devices AD846_15 Datasheet HTML 9Page - Analog Devices AD846_15 Datasheet HTML 10Page - Analog Devices AD846_15 Datasheet HTML 11Page - Analog Devices AD846_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD846
REV. B
–10–
Where:
RP is the external resistance placed in series with the non-
inverting input
RF is the feedback resistor
RS is the source resistor
INN is the noise current in the inverting input
INP is the noise current in the noninverting input
VN is the input noise voltage.
Typical values for these parameters (@ 1 kHz) in pA/
√Hz are:
INN = 20, IPN = 6, VN = 2.
Or, referring to the signal input, the equivalent mean-square in-
put voltage noise is:
VIN
2 = R
F I NN
()2 + 1+ RS
RF


2
V N
2 + R
P INP
()2 +4kT R
P


+ 4 kT R
S
1
+
RS
RF


Resistor RP is required for both inverting and noninverting (fol-
lower) operation, to insure stable operation. The amplifier’s
noninverting input current (flowing through RP of 100
Ω) will
typically add less than 300
µV to the AD846’s input offset volt-
age. This can be trimmed-out using the optional network shown
in Figure 44. The following table gives recommended values
for RP.
Recommended
Supply Voltage
Gain (RF/RS)
Value for RF
6 V to 15 V
1– 10
100
6 V to 15 V
10 – 20
47
6 V to 15 V
20 – 200
0
5 V
1– 10
47
5 V
10 – 200
0
Figure 42. Op Amp Simplified Noise Model
NONINVERTING GAIN OPERATION
The AD846 can be used as a noninverting amplifier or voltage
follower, operating at gains between 1 and 200. A minimum
value of RF equal to 1 k
Ω should be employed. For low gains (1
to 2), the input signal should be applied to the AD846’s nonin-
verting input through a 100
Ω series resistor; this will help re-
duce peaking. The best transient response will occur when the
amplifier’s output level is below 5 V peak to peak.
At closed-loop gains of 3 or more, the input resistor is not re-
quired unless peak signals greater than 3 V will be applied. The
amplifier’s bandwidth can be determined by using the inverting
amplifier’s bandwidth equation or from Figure 41. For example,
at a gain of + 10 (RF = 1 kΩ, RS = 100 Ω) the bandwidth of the
AD846 will be approximately 33 MHz; at a gain of +100,
(RF = 1 k
Ω, R
S = 10
Ω) it will be 4 MHz. At gains of 3 or
greater, a small capacitor (2 pF–5 pF) connected across the
feedback resistor will help reduce overshoot; but when operating
at noninverting gains below 3, this same capacitance will cause
instability.
Figure 43. AD846 Noninverting Amplifier Configuration
USING THE COMPENSATION PIN OF THE AD846
Additional compensation may be provided for the AD846 by
applying an external capacitance between Pin 5 and analog
ground (Figure 44). The nominal value of the AD846’s internal
compensation capacitor is 7 pF. For a given value of feedback
resistance (RF), any added external capacitance reduces the
amplifier’s slew rate and bandwidth proportionally.
Figure 44. AD846 Inverting Amplifier Showing External
Compensation Connection, RP and Optional VOS Trim
In addition to providing for external compensation, Pin 5 may
be used to clamp the output of the amplifier, as shown in Figure
45. The output can be clamped anywhere within the output
range (approximately
±10 V) of the amplifier. The input should
also be clamped as a precaution against damaging the amplifier’s
input transistors.
Figure 45. AD846 Used as a Clamped Amplifier
OBSOLETE


Similar Part No. - AD846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8460 AD-AD8460 Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ AD-AD8460BSVZ Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ-RL AD-AD8460BSVZ-RL Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8465 AD-AD8465 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - AD846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com