Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD846 Datasheet(PDF) 2 Page - Analog Devices

Part # AD846
Description  450 V/ms, Precision, Current-Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD846 Datasheet(HTML) 2 Page - Analog Devices

  AD846_15 Datasheet HTML 1Page - Analog Devices AD846_15 Datasheet HTML 2Page - Analog Devices AD846_15 Datasheet HTML 3Page - Analog Devices AD846_15 Datasheet HTML 4Page - Analog Devices AD846_15 Datasheet HTML 5Page - Analog Devices AD846_15 Datasheet HTML 6Page - Analog Devices AD846_15 Datasheet HTML 7Page - Analog Devices AD846_15 Datasheet HTML 8Page - Analog Devices AD846_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD846–SPECIFICATIONS
REV. B
–2–
(@ +25 C and
15 V dc, unless otherwise noted)
AD846A
AD846B
AD846S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE1
Initial
25
200
25
75
25
200
µV
TMIN –TMAX
50
350
50
125
100
350
µV
vs. Temperature
0.8
5
0.8
3.5
1
5.5
µV/°C
vs. Supply (PSRR)
5 V–18 V2
Initial
110
125
120
125
110
125
dB
TMIN –TMAX
110
120
116
120
94
116
dB
vs. Common Mode (CMRR)
VCM = ± 10 V
Initial
110
125
120
125
110
125
dB
TMIN–TMAX
110
120
116
120
94
116
dB
INPUT BIAS CURRENT3
–Input Bias Current
Initial
150
450
100
250
150
450
nA
TMIN –TMAX
450
1200
400
750
1000
1500
nA
vs. Temperature
6
20
6
17
9
20
nA/
°C
vs. Supply
5 V–18 V2
Initial
9
15
9
10
9
15
nA/V
TMIN –TMAX
11
20
11
15
11
25
nA/V
vs. Common Mode
VCM = ± 10 V
Initial
5
10
3
5
5
10
nA/V
TMIN –TMAX
515
3
7
5
20
nA/V
+Input Bias Current
Initial
3
15
3
5
3
15
µA
TMIN –TMAX
420
4
7
5
20
µA
vs. Temperature
15
80
15
45
15
80
nA/
°C
vs. Supply
5 V–18 V2
Initial
5
15
5
10
5
15
nA/V
TMIN –TMAX
520
5
15
5
20
nA/V
vs. Common Mode
VCM = ± 10 V
Initial
5
15
3
10
5
15
nA/V
TMIN –TMAX
515
3
10
5
20
nA/V
INPUT CHARACTERISTICS
Input Resistance
–Input
50
50
50
+Input
10
10
10
k
Input Capacitance
–Input
2
2
2
pF
+Input
2
2
2
pF
INPUT VOLTAGE RANGE
Common Mode
±10
±10
±10
V
INPUT VOLTAGE NOISE
F = 1 kHz
2
2
2
nV/
√Hz
Input Current Noise
–Input
1 kHz
20
20
20
pA/
√Hz
+Input
1 kHz
6
6
6
pA/
√Hz
OPEN LOOP
TRANSRESISTANCE
VOUT = ± 10 V
RLOAD = 500 Ω
100
200
150
200
100
200
M
TMIN –TMAX
50
75
50
M
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500 Ω
10
10
10
V
Current
Short Circuit
65
65
65
mA
Output Resistance
Open Loop
16
16
16
FREQUENCY RESPONSE
Small Signal Bandwidth
AV = –1 RF = 1k
80
80
80
MHz
(–3 dB)
AV = –10 RF = 875 Ω
31
31
31
MHz
AV = –30 RF = 875 Ω
15
15
15
MHz
Full Power Bandwidth
4
VOUT = 20 V p-p
RI = 500 Ω
6.8
6.8
6.8
MHz
Rise Time
AV = –1
110
10
10
ns
Overshoot
AV = –1
20
20
20
%
Slew Rate
AV = –1
450
450
450
V/
µs
Settling Time
10 V Step, AV = –1
to 0.1%
80
80
80
ns
to 0.01%
110
110
110
ns
TOTAL HARMONIC
DISTORTION
5
F = 100 kHz
0.0005
0.0005
0.0005
%
OBSOLETE


Similar Part No. - AD846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8460 AD-AD8460 Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ AD-AD8460BSVZ Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8460BSVZ-RL AD-AD8460BSVZ-RL Datasheet
1Mb / 75P
   110 V High Voltage, 1 A High Current, Arbitrary Waveform Generator with Integrated 14-Bit High Speed DAC
Rev.0
AD8465 AD-AD8465 Datasheet
322Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator
REV. 0
AD8465 AD-AD8465 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - AD846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812 AD-AD812 Datasheet
372Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com