Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJ2S-CL-A24 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RJ2S-CL-A24
Description  RJ Series - General Purpose Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJ2S-CL-A24 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RJ2S-CL-A24 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJ2S-CL-A24 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJ2S-CL-A24 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Relays
RJ Series
www.idec.com
USA: (800) 262-IDEC or (408) 747-0550, Canada: (888) 317-IDEC
E-5
E
Electrical Life Curves
RJ1S
RJ2S
(Resistive Load)
(Resistive Load)
Load Current (A)
12
0.1
1
100
10
1
250V AC
30V DC
1000
Load Current (A)
0.1
8
1
100
10
1
1000
250V AC
30V DC
RJ
RJ2S
RJ1S
Maximum Switching Capacity
Dimensions
Dimensions are in mm.
DC resistive
AC resistive
10
1
100
1
0.1
10
250
12
Load Voltage (V)
DC resistive
8
AC resistive
10
1
100
1
0.1
10
250
Load Voltage (V)


Similar Part No. - RJ2S-CL-A24

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
RJ2S-CL-A24 IDEC-RJ2S-CL-A24 Datasheet
230Kb / 3P
   General Purpose Relays
RJ2S-CL-A240 IDEC-RJ2S-CL-A240 Datasheet
230Kb / 3P
   General Purpose Relays
More results

Similar Description - RJ2S-CL-A24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ2S-C-D24 ETC2-RJ2S-C-D24 Datasheet
230Kb / 3P
   RJ Series ??General Purpose Relays
RJ2S-CL-D24 ETC2-RJ2S-CL-D24 Datasheet
230Kb / 3P
   RJ Series - General Purpose Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com