Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-37120AL-1510G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-37120AL-1510G
Description  155 Mbps Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-37120AL-1510G Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-37120AL-1510G Datasheet HTML 1Page - Optoway Technology Inc SPB-37120AL-1510G Datasheet HTML 2Page - Optoway Technology Inc SPB-37120AL-1510G Datasheet HTML 3Page - Optoway Technology Inc SPB-37120AL-1510G Datasheet HTML 4Page - Optoway Technology Inc SPB-37120AL-1510G Datasheet HTML 5Page - Optoway Technology Inc SPB-37120AL-1510G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-37120-1510G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-37120-1510G / SPB-37120B-1510G / SPB-37120A-1510G
(SC BIDI SFP)
(RoHS Compliant)
SPB-37120L-1510G / SPB-37120BL-1510G / SPB-37120AL-1510G
(LC BIDI SFP)
1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Compliant with IEEE 802.3ah-2004 100BASE-BX
l Simplex SC Connector: SPB-37120-1510G
l Simplex LC Connector: SPB-37120L-1510G
l 1510 nm DFB LD Transmitter
l 1590 nm Receiver
l Distance Up to 120 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPB-37120-1510G
l -10 to 85oC Operating : SPB-37120B-1510G
l -40 to 85oC Operating : SPB-37120A-1510G
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Fast Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-37120-1510G series is small form factor pluggable
module for IEEE 802.3ah 100BASE-BX and OC-3/STM-1
SONET/SDH single fiber communications by using 1510
nm transmitter and 1590 nm receiver. It is with the SFP
20-pin connector to allow hot plug capability.
The
transmitter section uses a multiple quantum well 1510 nm
laser
and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated 1590 nm detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-37120-1510G
125/155
120
1510 DFB
1590
SC SFP
0 to 70
3 to -2
-34
Yes
SPB-37120B-1510G
125/155
120
1510 DFB
1590
SC SFP
-10 to 85
3 to -2
-34
Yes
SPB-37120A-1510G
125/155
120
1510 DFB
1590
SC SFP
-40 to 85
3 to -2
-34
Yes
SPB-37120L-1510G
125/155
120
1510 DFB
1590
LC SFP
0 to 70
3 to -2
-34
Yes
SPB-37120BL-1510G
125/155
120
1510 DFB
1590
LC SFP
-10 to 85
3 to -2
-34
Yes
SPB-37120AL-1510G
125/155
120
1510 DFB
1590
LC SFP
-40 to 85
3 to -2
-34
Yes


Similar Part No. - SPB-37120AL-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-37120AL-1510G OPTOWAY-SPB-37120AL-1510G Datasheet
177Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 155 Mbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-37120AL-1510G

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
SPB-3620G JMNIC-SPB-3620G Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
logo
Optoway Technology Inc
SPB-3780G_2015 OPTOWAY-SPB-3780G_2015 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3640G OPTOWAY-SPB-3640G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37160-1590G_2015 OPTOWAY-SPB-37160-1590G_2015 Datasheet
187Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-37200-1590G OPTOWAY-SPB-37200-1590G_15 Datasheet
185Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3680G OPTOWAY-SPB-3680G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3760G_2015 OPTOWAY-SPB-3760G_2015 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3620G OPTOWAY-SPB-3620G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
SPB-3740G OPTOWAY-SPB-3740G_15 Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
logo
Quanzhou Jinmei Electro...
SPB-3640G JMNIC-SPB-3640G Datasheet
177Kb / 6P
   155 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com