Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148M-47 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9148M-47
Description  Pentium/ProTM System Clock Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148M-47 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9148M-47 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148M-47 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
ICS9148-47
Electrical Characteristics - PCICLK
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.1
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-62
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.1
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
140
500
ps
Jitter, One Sigma
1
tj1s1
VT = 1.5 V
17
150
ps
Jitter, Absolute
1
tjabs1
VT = 1.5 V
-500
70
500
ps
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH4B
IOH = -18 mA
2
2.2
V
Output Low Voltage
VOL4B
IOL = 18 mA
0.33
0.4
V
Output High Current
IOH4B
VOH = 1.7 V
-41
-28
mA
Output Low Current
IOL4B
VOL = 0.7 V
29
37
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
1.3
1.6
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
1.1
1.6
ns
Duty Cycle
1
Dt4B
VT = 1.25 V
45
54
55
%
Skew
1
tsk4B
1
VT = 1.25 V
60
250
ps
Jitter, One Sigma
1
Tj1s4B
VT = 1.25 V
1
3
%
Jitter, Absolute
1
Tjabs4B
VT = 1.25 V
-5
5
%
1
Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9148M-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-03 ICST-ICS9148-03 Datasheet
560Kb / 12P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
logo
Integrated Device Techn...
ICS9148-08 IDT-ICS9148-08 Datasheet
632Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results

Similar Description - ICS9148M-47

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9148-10 RENESAS-ICS9148-10 Datasheet
355Kb / 12P
   Pentium/ProTM System Clock Chip
9/27/99
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-12 ICST-ICS9148-12 Datasheet
743Kb / 18P
   Pentium/ProTM System Clock Chip
ICS9148-46 ICST-ICS9148-46 Datasheet
433Kb / 9P
   Pentium/ProTM System Clock Chip
ICS9148-18 ICST-ICS9148-18 Datasheet
570Kb / 11P
   Pentium/ProTM System Clock Chip
ICS9148-20 ICST-ICS9148-20 Datasheet
389Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-18 RENESAS-ICS9148-18 Datasheet
674Kb / 13P
   Pentium/ProTM System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
   Pentium/ProTM System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
   Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
   Pentium/ProTM System Clock Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com