Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V5744S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
A — 5781A
3/4" [19.1mm] Box Connector
B — V5786
Adjustable Offset Connector
C — V57240
Single Pole Switch and Box
D — V57243G Duplex Receptacle and Box
E
— V711
Flat Elbow
F
— V5785
Combination Connector
G — V5738
Fixture Box Solid Base
H — V5715
Tee Fitting
I
— V5703
Supporting Clip
J
— 5747-2
Shallow Device Box
K — V706
Cover Clip
L
— V704
Mounting Strap
M — V57242
Utility Box
N — V717
Internal Elbow
O— V5734A
Utility Box
P — V5739
Fixture Box Solid Base
Q — V5719
Corner Box
R — R5752
Alarm Device Box
S — V718
External Elbow
T
— R5753
Extra Deep Alarm Device Box
U — V5747S
Shallow Device Box
V
— V5744
Extra Deep Device Box
W — V5748-2 Device Box
X
— V5748-3 Device Box
Y — 5782
1/2" [12.7mm] Conduit Connector
Z
— V2089E
Reducing Fitting
AA —
Plugmold Multioutlet System
E
F
G
H
I
I
E
Q
Firehorn
Box
T
Y
X
S
W
V
U
L
O
P
M
L
K
J
Z
Panel
Box
AA
D
C
B
A
4 11/16"
[119mm]
Utility Box
500 & 700 Series System Product Applications
V500 & V700 Series Wire Fill Capacity Charts
* 20% cable fill is calculated to approximate reduction in cable capacity due to connectors mounted within raceway
and fittings that may restrict cross sectional area.
** 40% cable fill is the maximum designed cable fill based on a proposed revision to TIA/EIA 569-A.
O.D.
V500 SERIES
V700 SERIES
CABLE/WIRE SIZE
inches
[mm]
20% FILL*
40% FILL**
20% FILL*
40% FILL**
UNSHIELDED
4-pair, 24 AWG, Cat 3
0.190
[4.8]
12
1
3
TWISTED PAIR
4-pair, 24 AWG, Cat 5e
0.210
[5.3]
12
1
3
4-pair, 24 AWG, Cat 6
0.250
[6.3]
01
1
2
TELEPHONE
2-pair, 24 AWG
0.140
[3.6]
24
3
6
3-pair, 24 AWG
0.150
[3.8]
24
2
5
4-pair, 24 AWG
0.190
[4.8]
12
1
3
25-pair, 24 AWG
0.410
[10.4]
00
0
0
COAXIAL
RG58/U
0.195
[5.0]
12
1
3
RG59/U
0.242
[6.1]
01
1
2
RG62/U
0.242
[6.1]
01
1
2
RG6/U
0.270
[6.9]
01
0
1
TWINAXIAL
100 Ohm
0.330
[8.4]
00
0
1
SHIELDED
TYPE 1
0.390
[9.9]
00
0
0
TWISTED PAIR
TYPE 2
0.465
[11.8]
00
0
0
TYPE 3
0.245
[6.2]
01
0
1
FIBER
Mini ZipCord
0.079 x 0.157
[2 x 4]
36
4
8
ZipCord
0.118 x 0.236
[3 x 6]
12
1
3
Round 4 Strand Fiber
0.187
[4.8]
12
1
3
Round 6 Strand Fiber
0.256
[6.5]
01
1
2
WIRE SIZE
O.D.
NUMBER OF CONDUCTORS 40% FILL
THHN/THWN
inches
[mm]
V500 SERIES
V700 SERIES
14 AWG
0.111
[2.8]
7
10
12 AWG
0.130
[3.3]
57
10 AWG
0.164
[4.2]
34
V500/ V700 Series Raceway Wire Fill Capacities for Power
V500/ V700 Series Raceway Wire Fill Capacities for Communications


Similar Part No. - V5744S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V571BA60 LITTELFUSE-V571BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V571BA60 MDE-V571BA60 Datasheet
723Kb / 2P
   Series Block Varistor
V571BA60 MDE-V571BA60 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
logo
Littelfuse
V571CA32 LITTELFUSE-V571CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V571CA40 LITTELFUSE-V571CA40 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results

Similar Description - V5744S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V718 ETC2-V718 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com