Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V5744S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # V5744S
Description  One-Piece Steel Surface Raceway
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V5744S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  V5744S Datasheet HTML 1Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 2Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 3Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 4Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 5Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 6Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 7Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 8Page - List of Unclassifed Manufacturers V5744S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Wiremold® 500® and 700® Series Raceway is ideal for surface
mounting small amounts of electrical wiring or communication
cables. These rugged raceways offer a low profile appearance
which blend with any decor. 500® and 700® Series Raceway all
come with our exclusive ScuffCoatfinish for increased
durability and scratch-resistance.
500® & 700® Series
Steel Raceway
One-Piece Steel Surface Raceway
F E A T U R E S & B E N E F I T S
n Low-profile, unobtrusive appearance. Blends with any
decor or setting. Excellent for low-voltage wiring.
n ScuffCoat finish. Tough, durable, scratch-resistant
finish which can be overpainted with latex paint.
n Surface mounting. Eliminates disturbing the building
structure or wall finish to make renovations easy.
n V5748-3 Device Box accommodates wireless.
Designed for use with Ortronics® Wi-JackWireless
Access Points.
n Full line of fittings. Provides unlimited wiring solutions
and interconnection between raceway systems.
n More choice of colors. 700 Series Raceway and
Fittings are available in ivory and white.
n Fittings have removable covers. Allows easy access
to wiring for changes and additions.
n Raceway cutters with replaceable blades. Cuts
raceway cleanly, reduces labor, and installation time.
n Datacom connectivity options. Accepts industry
standard and proprietary devices from a wide range
of manufacturers to provide a seamless and aesthetically
pleasing interface for voice, data, audio, and video
applications at the point of use.
n UL5 and ADA compliant. Raceway and fittings meet
UL5 specifications and can be installed in conformance
with ADA requirements.
n UL and cUL Listed component raceways. File E4376
Guide RJBT, Fittings: File E41751 Guide RJPR. Meets
Article 386 of NEC and meets Section 12-600 of CEC.
500 and 700 Series
Raceway profiles.
COMMUNICATIONS
SURGE
ED532R14 – Updated October 2010 – For latest specs visit www.legrand.us/wiremold
Typical applications for
500 & 700 Series Raceway.
500 Series Raceway and components
used in a ceiling fan installation.


Similar Part No. - V5744S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V571BA60 LITTELFUSE-V571BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
logo
MDE Semiconductor, Inc.
V571BA60 MDE-V571BA60 Datasheet
723Kb / 2P
   Series Block Varistor
V571BA60 MDE-V571BA60 Datasheet
723Kb / 2P
   BA/BB 60 Series Block Varistor
logo
Littelfuse
V571CA32 LITTELFUSE-V571CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V571CA40 LITTELFUSE-V571CA40 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results

Similar Description - V5744S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V718 ETC2-V718 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com