Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9148B-04 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9148B-04
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9148B-04 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9148B-04 Datasheet HTML 1Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 2Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 3Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 4Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 5Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 6Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 7Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 8Page - Integrated Circuit Systems ICS9148B-04 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9148B-04
Block Diagram
Pentium is a trademark of Intel Corporation
I2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9148-04 RevB01/20/98
Pin Configuration
•
3.3Voutputs: SDRAM, PCI, REF, 48/24MHz
•
2.5V or 3.3V outputs: CPU, IOAPIC
•
20 ohm CPU clock output impedance
•
20 ohm PCI clock output impedance
•
Skew from CPU (earlier) to PCI clock - 1 to 4 ns, center
2.6 ns.
•
No external load cap for CL=18pF crystals
•
±250 ps CPU, PCI clock skew
•
400ps (cycle to cycle) CPU jitter
•
Smooth frequency switch, with selections from 50 to 83.3
MHzCPU.
•I2C interface for programming
•
2ms power up clock stable time
•
Clock duty cycle 45-55%.
•
48 pin 300 mil SSOP package
•
3.3V operation, 5V tolerant input.
48-Pin SSOP
Power Groups
VDD1 = REF (0:1), X1, X2
VDD2 = PCICLK_F, PCICLK(0:5)
VDD3 = SDRAM (0:11), supply for PLL core,
24MHz, 48MHz
VDDL1 = IOAPIC
VDDL2 = CPUCLK (0:3)
* Internal Pull-up Resistor of
240K to 3.3V on indicated inputs
The ICS9148B-04 generates all clocks required for high
speed RISC or CISC microprocessor systems such as Intel
PentiumPro or Cyrix. Eight different reference frequency
multiplying factors are externally selectable with smooth
frequency transitions.
Features include four CPU, seven PCI and Twelve SDRAM
clocks. Two reference outputs are available equal to the
crystal frequency. Plus the IOAPIC output powered byVDDL1.
One 48 MHz for USB, and one 24 MHz clock for Super IO.
Spread Spectrum built in - ±1.5% modulation to reduce the
EMI. Serial programming I2C interface allows changing
functions, stop clock programing and Frequency selection.
Rise time adjustment for VDD at 3.3V or 2.5V CPU.
Additionally, the device meets the Pentium power-up
stabilization, which requires that CPU and PCI clocks be
stable within 2ms after power-up. It is not recommended to
use I/O dual function pin for the slots (ISA, PCI, CPU, DIMM).
The add on card might have a pull up or pull down.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9148B-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-02 ICST-ICS9148-02 Datasheet
691Kb / 16P
   Pentium/ProTM System Clock Chip
ICS9148-03 ICST-ICS9148-03 Datasheet
560Kb / 12P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
logo
Integrated Device Techn...
ICS9148-08 IDT-ICS9148-08 Datasheet
632Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9148-08-PPP ICST-ICS9148-08-PPP Datasheet
474Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/Pro
More results

Similar Description - ICS9148B-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Circuit Syst...
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com