Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-5101G_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-5101G_2015
Description  622 Mbps LC SFP MULTI-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-5101G_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-5101G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-5101G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-5101G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-5101G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-5101G_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPM-5101G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V2.0
1
SPM-5101G / SPM-5101BG / SPM-5101AG
(RoHS Compliant)
3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l 1310 nm Transmitter
l 0 to 1000 m Transmission
l AC/AC Coupling according to MSA
l LV-TTL TX Disable Input Signal
l LV-TTL RX Loss of Signal Output
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating : SPM-5101G
l -10 to 85oC Operating : SPM-5101BG
l -40 to 85oC Operating : SPM-5101AG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Fast Ethernet Links
l SONET / SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The SPM-5101G series is small form factor pluggable
module for multi-mode fiber Fast Ethernet and OC-12 /
STM-4 SONET / SDH fiber communications. It is with the
SFP 20-pin connector to allow hot plug capability. The
transmitter section uses a multiple quantum well 1310 nm
laser
and is a class 1 laser compliant according to
International Safety Standard IEC 60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
Distance
(m)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-5101G
622
0 to 1000
1310
LC SFP
0 to 70
-12 to -19
-26
Yes
SPM-5101BG
622
0 to 1000
1310
LC SFP
-10 to 85
-12 to -19
-26
Yes
SPM-5101AG
622
0 to 1000
1310
LC SFP
-40 to 85
-12 to -19
-26
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
-10
-40
70
85
85
oC
SPM-5101G
SPM-5101BG
SPM-5101AG
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3. 5
V
Power Supply Current
ICC (TX+RX)
150
250
mA
Operating Temperature
Topr
0
-10
-40
70
85
85
oC / SPM-5101G
oC / SPM-5101BG
oC / SPM-5101AG
Data Rate
622
700
Mb/s


Similar Part No. - SPM-5101G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5101G OPTOWAY-SPM-5101G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-5101G OPTOWAY-SPM-5101G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-5101G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-5101G OPTOWAY-SPM-5101G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-5101WG_2015 OPTOWAY-SPM-5101WG_2015 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-5101WG OPTOWAY-SPM-5101WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPS-53120-CXX0G_2015 OPTOWAY-SPS-53120-CXX0G_2015 Datasheet
149Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160G OPTOWAY-SPS-53160G_15 Datasheet
148Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_15 Datasheet
147Kb / 5P
   622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_15 Datasheet
147Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160-CXX0G OPTOWAY-SPS-53160-CXX0G_15 Datasheet
152Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200-CXX0G_2015 OPTOWAY-SPS-53200-CXX0G_2015 Datasheet
151Kb / 5P
   622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com