Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTN59 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FTN59
Description  Quick Reference Guide
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FTN59 Datasheet(HTML) 2 Page - Tyco Electronics

  FTN59 Datasheet HTML 1Page - Tyco Electronics FTN59 Datasheet HTML 2Page - Tyco Electronics FTN59 Datasheet HTML 3Page - Tyco Electronics FTN59 Datasheet HTML 4Page - Tyco Electronics FTN59 Datasheet HTML 5Page - Tyco Electronics FTN59 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical Performance Characteristics
Number of Poles:1to4
Switch Functions:ON-ON,ON-(ON),ON-OFF-ON,ON-ON-ON,
ON-OFF-(ON),(ON)-OFF-(ON)
Contact Rating:6A@250VAC,6A@125VAC,
Gold Contact:0.4VAmax.20VAC/DC
electrical Life:25,000to50,000cycles
Mechanical Life:50,000to100,000cycles
Contact Resistance:Max.10mOhm
0.4VAMax.at2–4VDC100mA
125/250VACat2–4VDC1A
insulation Resistance:Min.1,000MOhm
Dielectric Strength:1,000VACfor1min.
Actuation Force:Max.19.6N
Panel Cut-out:6.2mm
Standards and Specs:UL,CSA
environmental Specification
operating Temperature:-20to+70°C
Storage Temperature:-20to+70°C
Vibration Resistance:1.5mm10-55Hz
Shock Resistance:50gfor11
±1msec
Terminal Strength:24.5N
Material Specifications
Contacts:Brasssilveralloyfinish
Toggle:Brasschromiumplated
Terminals:Brassplate
Case:Phenolresin
Cover:Steelzincplated
Seal:Rubberseal,insertmoldedrubber
other Characteristics
Contact Timing:BreakbeforeMake
Right Angle Versions:No
Standard Number of Positions:2or3
Terminals / Mounting Style :Leadwirehooking
Actuator Style:Standard,longlocking;rocker
Dimensions Case (LxWxH):14.8x8...23x10.5mm
Packaging:Bulk
Choice of momentary or maintained circuits
F Series Toggle Switches Product key
FT
D0
9
Type
F
F Series power toggle switch
Number of Poles
Blank 1 & 2 pole
3
3 poles
4
4 poles
Model
T
Toggle
Switch Function & Poles
1 & 3 pole
2 & 4 pole
D
ON-ON
N
ON-ON
E
ON-OFF-ON
P
ON-OFF-ON
F
ON-(ON)
R
ON-(ON)
G
(ON)-OFF-(ON)
S
(ON)-OFF-(ON)
H
ON-OFF-(ON)
T
ON-OFF-(ON)
PA
ON-ON-ON
Actuator
0
Standard toggle
7
Long flat toggle
5
Locking lever
Terminal Type
9
Leadwire hooking type
Contact Material
Blank Silver
G
Gold
Material
04
RoHS Compliant
04
Typical Product Key
te.com/products/switches
F Series Switches
TE Connectivity


Similar Part No. - FTN59

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FTN-1Z PREMO-FTN-1Z Datasheet
143Kb / 1P
   IEC Connector Filter
FTN-1ZM PREMO-FTN-1ZM Datasheet
143Kb / 1P
   IEC Connector Filter
FTN-3Z PREMO-FTN-3Z Datasheet
143Kb / 1P
   IEC Connector Filter
FTN-3ZM PREMO-FTN-3ZM Datasheet
143Kb / 1P
   IEC Connector Filter
FTN-6Z PREMO-FTN-6Z Datasheet
143Kb / 1P
   IEC Connector Filter
More results

Similar Description - FTN59

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1827682-1 ETC2-1827682-1 Datasheet
2Mb / 4P
   QUICK REFERENCE GUIDE
2013928-8 ETC2-2013928-8 Datasheet
1Mb / 4P
   Quick Reference Guide
logo
TE Connectivity Ltd
1-1773735-6 TEC-1-1773735-6 Datasheet
955Kb / 2P
   QUICK REFERENCE GUIDE
logo
Panasonic Semiconductor
KX-T7730 PANASONIC-KX-T7730 Datasheet
3Mb / 16P
   Quick Reference Guide
logo
List of Unclassifed Man...
1888250-3 ETC2-1888250-3 Datasheet
1Mb / 6P
   Quick Reference Guide
logo
Tyco Electronics
2110819-1 MACOM-2110819-1 Datasheet
4Mb / 6P
   Quick Reference Guide
logo
TE Connectivity Ltd
1981959-1 TEC-1981959-1 Datasheet
1Mb / 6P
   SIM CARD CONNECTORS QUICK REFERENCE GUIDE
10/23
logo
Tyco Electronics
1-6450869-4 MACOM-1-6450869-4 Datasheet
1Mb / 6P
   Quick Reference Guide 2-Piece Power Connectors
5-104935-6 MACOM-5-104935-6 Datasheet
633Kb / 6P
   Quick Reference Guide AMPMODU MTE Interconnect System
logo
List of Unclassifed Man...
647676-4 ETC2-647676-4 Datasheet
426Kb / 4P
   Quick Reference Guide Economy Power Connector System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com