Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9022 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9022
Description  12-Bit 20 MSPS Monolithic A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9022 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9022_15 Datasheet HTML 2Page - Analog Devices AD9022_15 Datasheet HTML 3Page - Analog Devices AD9022_15 Datasheet HTML 4Page - Analog Devices AD9022_15 Datasheet HTML 5Page - Analog Devices AD9022_15 Datasheet HTML 6Page - Analog Devices AD9022_15 Datasheet HTML 7Page - Analog Devices AD9022_15 Datasheet HTML 8Page - Analog Devices AD9022_15 Datasheet HTML 9Page - Analog Devices AD9022_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
–6–
AD9022
REV. A
–Typical Characteristics
–76
–68
10
–70
–69
1
0
–72
–71
–73
–74
–75
9
8
7
6
5
4
3
2
ANALOG INPUT FREQUENCY – MHz
+25
°C
ROOM
–55
°C
+125
°C
Figure 2. Harmonic Distortion vs. Analog Input
Frequency
85
80
75
70
65
60
55
5
7.5
10
12.5
15
17.5
20
22.5
25
AIN = 1.2MHz
SNR
WORST HARMONICS
ENCODE RATE – MSPS
Figure 3. SNR and Harmonics vs. Encode Rate
OUTPUT CODE
2.0
–2.0
4096
–1.0
–1.5
1024
0
–0.5
0.5
1.0
1.5
3072
2048
AIN = 1.2MHz
FS = 20MSPS
Figure 4. Differential Nonlinearity vs. Output Code
70
35
19.3
50
40
2.3
45
1.24
65
55
60
17.3
15.3
13.3
9.6
7.3
5.3
11.3
ANALOG INPUT FREQUENCY – MHz
+25
°C
–55
°C
+125
°C
Figure 5. Signal-to-Noise Ratio vs. Analog Input
Frequency
90
0
–1
20
10
–45
–50
30
40
50
60
70
80
–5
–10
–15
–20
–25
–30
–35
–40
INPUT LEVEL – dB
AIN = 1.2MHz
ENCODE = 20MHz
SFDR
SNR
Figure 6. SFDR and SNR vs. Analog Input Level
80
0
20
10
40
30
50
60
70
AIN = 9.6MHz
ENCODE = 20MHz
–1
–45
–50
–5
–10
–15
–20
–25
–30
–35
–40
INPUT LEVEL – dB
SFDR
SNR
Figure 7. SFDR and SNR vs. Analog Input Level
OBSOLETE


Similar Part No. - AD9022_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9022AQ AD-AD9022AQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022AZ AD-AD9022AZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SQ AD-AD9022SQ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD9022SZ AD-AD9022SZ Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
More results

Similar Description - AD9022_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
logo
Honeywell Solid State E...
HMXADC9225 HONEYWELL-HMXADC9225 Datasheet
278Kb / 11P
   Radiation Hardened 12-Bit, 20 MSPS Monolithic A/D Converter
logo
Analog Devices
AD9034 AD-AD9034_15 Datasheet
1Mb / 11P
   12 BIT 20 MSPS A/D CONVERTER
REV. 0
AD9042 AD-AD9042 Datasheet
488Kb / 24P
   12-Bit, 41 MSPS Monolithic A/D Converter
REV. A
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A Datasheet
223Kb / 16P
   10-Bit, 20 MSPS Monolithic A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7921 CADEKA-SPT7921 Datasheet
187Kb / 11P
   12-BIT, 20 MSPS, TTL, A/D CONVERTER
logo
National Semiconductor ...
CLC5956 NSC-CLC5956 Datasheet
391Kb / 10P
   12-bit, 65 MSPS Broadband Monolithic A/D Converter
logo
Analog Devices
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com