Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9100V-1RG_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPM-9100V-1RG_2015
Description  3 Gb/s Single Optical Multi-Mode Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9100V-1RG_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPM-9100V-1RG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPM-9100V-1RG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPM-9100V-1RG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPM-9100V-1RG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPM-9100V-1RG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPM-9100V-1RG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
11/1/2008 V1.0
2
ABSOLUTE MAXIMUM RATINGS
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Tc
0
70
oC
Power Supply Voltage
Vcc
0
4
V
ESD Tolerance on all pins
1
KV HBM
Relative Humidity
---
5
95
% RH
non-condensing
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Tc
0
70
oC
Baud Rate
50
3000
Mb/s
Power Supply Current
Icc
120
160
mA
Receiver Specifications (0oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Wavelength of Operation
780
850
880
nm
0
---
-15
dBm
Pathological
Sensitivity for SMPTE 424M
2.97 Gb/s
Sen
0
-15
dBm
PRBS 2
23-1, BER=1E-12
0
---
-16
dBm
Pathological
Sensitivity for SMPTE 292M
1.485 Gb/s
Sen
0
-16
dBm
PRBS 2
23-1, BER=1E-12
Signal Detect -- Asserted
Pa
---
---
-16
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-28
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1
6
dB
Electrical
CML Output (Differential)
550
660
850
mVp-p
AC coupled output
135
ps
1, SMPTE 424M
270
ps
1, SMPTE 292M
800
ps
1, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
1, SMPTE 259M
Output LOS Voltage -- Low
VOL
0
0.5
V
IOL=-1.6mA, 1 TTL unit load
Output LOS Voltage -- High
VOH
2.5
Vcc+0.3
V
IOH=40
µA, 1 TTL unit load
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
1.
20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition
PIN 5
PIN 6
Interpretation by Host
4
SCL
SDA
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector
(NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E
2PROM
protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPM-9100V-1RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100V-1RG OPTOWAY-SPM-9100V-1RG_15 Datasheet
178Kb / 5P
   3 Gb/s Single Optical Multi-Mode Receiver
More results

Similar Description - SPM-9100V-1RG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9100V-1RG OPTOWAY-SPM-9100V-1RG_15 Datasheet
178Kb / 5P
   3 Gb/s Single Optical Multi-Mode Receiver
SPM-9100V-2RG_2015 OPTOWAY-SPM-9100V-2RG_2015 Datasheet
140Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Receiver
SPM-9100V-1T1RG OPTOWAY-SPM-9100V-1T1RG_15 Datasheet
140Kb / 6P
   3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100V-2RG OPTOWAY-SPM-9100V-2RG_15 Datasheet
140Kb / 5P
   3 Gb/s Dual Optical Multi-Mode Receiver
SPM-9100V-1T1RG_2015 OPTOWAY-SPM-9100V-1T1RG_2015 Datasheet
140Kb / 6P
   3 Gb/s Optical Multi-Mode Transmitter/Receiver
SPM-9100VW-1RG OPTOWAY-SPM-9100VW-1RG_15 Datasheet
169Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100V-1RG OPTOWAY-SPM-9100V-1RG Datasheet
145Kb / 5P
   850 nm / 3 Gb/s Single Optical Multi-Mode Receiver
SPM-9100VW-1RG_2015 OPTOWAY-SPM-9100VW-1RG_2015 Datasheet
169Kb / 5P
   3 Gb/s Single Optical Multi-Mode Digital Diagnostic Receiver
SPM-9100V-1TG OPTOWAY-SPM-9100V-1TG_15 Datasheet
166Kb / 5P
   3 Gb/s Single Optical Multi-Mode Transmitter
SPM-9100V-1TG_2015 OPTOWAY-SPM-9100V-1TG_2015 Datasheet
166Kb / 5P
   3 Gb/s Single Optical Multi-Mode Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com