Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD840 Datasheet(PDF) 3 Page - Analog Devices

Part # AD840
Description  Wideband, Fast Settling Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD840 Datasheet(HTML) 3 Page - Analog Devices

  AD840_15 Datasheet HTML 1Page - Analog Devices AD840_15 Datasheet HTML 2Page - Analog Devices AD840_15 Datasheet HTML 3Page - Analog Devices AD840_15 Datasheet HTML 4Page - Analog Devices AD840_15 Datasheet HTML 5Page - Analog Devices AD840_15 Datasheet HTML 6Page - Analog Devices AD840_15 Datasheet HTML 7Page - Analog Devices AD840_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTES
1Input offset voltage specifications are guaranteed after 5 minutes at T
A = +25°C.
2Full power bandwidth = slew rate/2
π V
PEAK.
3Refer to Figures 22 and 23.
4“S” grade T
MIN–TMAX specifications are tested with automatic test equipment at T A = –55°C and TA = +125°C.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units.
Specifications subject to change without notice.
AD840
REV. C
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 W
Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
LCC (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 W
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range
Q, E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to +150°C
N . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to +125°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Maximum internal power dissipation is specified so that T
J does not exceed
+175
°C at an ambient temperature of +25°C.
Thermal Characteristics:
θ
JC
θ
JA
Derate at
Cerdip Package
30
°C/W
110
°C/W
8.7 mW/
°C
Plastic Package
30
°C/W
100
°C/T
10 mW/
°C
LCC Package
35
°C/W
150
°C/W
6.7 mW/
°C
Recommended Heat Sink:
Aavid Engineering© #602B
ORDERING GUIDE
Models
Package Options
2
AD840JN
N-14
AD840KN
N-14
AD840JQ
Q-14
AD840KQ
Q-14
AD840SQ
Q-14
AD840SQ-883B
Q-14
5962-89640012A
Q-14
AD840SE-883B
E-20A
5962-8964001CA
E-20A
NOTES
1J and S Grade Chips also available.
2N = Plastic DIP; Q = Cerdip; E = LCC (Leadless
2Ceramic Chip Carrier).
Plastic DIP (N) Package
and
Cerdip (Q) Package
LCC (E) Package
AD840 Connection Diagrams
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).
OBSOLETE


Similar Part No. - AD840_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD8400 AD-AD8400 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400 AD-AD8400 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD8400AN1 AD-AD8400AN1 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
More results

Similar Description - AD840_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
National Semiconductor ...
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
   Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com