Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5539 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5539
Description  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539 Datasheet(HTML) 2 Page - Analog Devices

  AD5539_15 Datasheet HTML 1Page - Analog Devices AD5539_15 Datasheet HTML 2Page - Analog Devices AD5539_15 Datasheet HTML 3Page - Analog Devices AD5539_15 Datasheet HTML 4Page - Analog Devices AD5539_15 Datasheet HTML 5Page - Analog Devices AD5539_15 Datasheet HTML 6Page - Analog Devices AD5539_15 Datasheet HTML 7Page - Analog Devices AD5539_15 Datasheet HTML 8Page - Analog Devices AD5539_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD5539–SPECIFICATIONS (@ +25 C and V
S =
8 V dc, unless otherwise noted)
AD5539J
AD5539S
Parameter
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
Initial Offset
1
2
5
2
3
mV
TMIN to TMAX
65
mV
INPUT OFFSET CURRENT
Initial Offset
2
0.1
2
0.1
1
µA
TMIN to TMAX
53
µA
INPUT BIAS CURRENT
Initial
2
VCM = 0
6
20
6
13
µA
Either Input
TMIN to TMAX
40
25
µA
FREQUENCY RESPONSE
RL = 150
3
Small Signal Bandwidth
220
220
MHz
ACL = 2
4
Gain Bandwidth Product
1400
1400
MHz
ACL = 26 dB
Full Power Response
ACL = 2
4
68
68
MHz
ACL = 7
82
82
MHz
ACL = 20
65
65
MHz
Settling Time (1%)
12
12
ns
Slew Rate
600
600
V/
µs
Large Signal Propagation Delay
4
4
ns
Total Harmonic Distortion
RL = ∞
0.010
0.010
%
RL = 100
3
0.016
0.016
%
VOUT = 2 V p–p
ACL = 7, f = 1 kHz
INPUT IMPEDANCE
100
100
k
OUTPUT IMPEDANCE (f <10 MHz)
2
2
INPUT VOLTAGE RANGE
Differential
5
(Max Nondestructive)
250
250
mV
Common-Mode Voltage
(Max Nondestructive)
2.5
2.5
V
Common-Mode Rejection Ratio
∆V
CM = 1.7 V
RS = 100
70
85
70
85
dB
TMIN to TMAX
60
60
dB
INPUT VOLTAGE NOISE
Wideband RMS Noise (RTI)
5
5
FV
BW = 5 MHz; RS = 50
Spot Noise
4
4
nV
√Hz
F = 1 kHz; RS = 50 Ω
OPEN-LOOP GAIN
VO = +2.3 V, –1.7 V
RL = 150
3
47
52
58
47
52
58
dB
RL = 2 k
47
58
48
57
dB
TMIN to TMAX –RL = 2 kΩ
43
63
46
60
dB
OBSOLETE


Similar Part No. - AD5539_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539J AD-AD5539J Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JN AD-AD5539JN Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539JQ AD-AD5539JQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539S AD-AD5539S Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539SQ AD-AD5539SQ Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Similar Description - AD5539_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
475Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com