Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV478 Datasheet(PDF) 9 Page - Analog Devices

Part # ADV478
Description  CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV478 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV478_15 Datasheet HTML 4Page - Analog Devices ADV478_15 Datasheet HTML 5Page - Analog Devices ADV478_15 Datasheet HTML 6Page - Analog Devices ADV478_15 Datasheet HTML 7Page - Analog Devices ADV478_15 Datasheet HTML 8Page - Analog Devices ADV478_15 Datasheet HTML 9Page - Analog Devices ADV478_15 Datasheet HTML 10Page - Analog Devices ADV478_15 Datasheet HTML 11Page - Analog Devices ADV478_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADV478/ADV471
–9–
REV. B
The contents of the pixel read mask register, which may be ac-
cessed by the MPU at any time, are bit-wise logically ANDed
with the P0–P7 inputs. Bit D0 of the pixel read mask register
corresponds to pixel input P0. The addressed location provides
24 bits (18 bits for the ADV471) of color information to the
three D/A converters.
For additional information on Pixel Mask Register, see applica-
tion note “Animation Using the Pixel Read Mask Register of the
ADV47X Series of Video RAM-DACs” (Publication Number
E1316–15–10/89).
The SYNC and BLANK inputs, also latched on the rising edge
of CLOCK to maintain synchronization with the color data, add
appropriately weighted currents to the analog outputs, produc-
ing the specific output levels required for video applications, as
illustrated in Figures 3 and 4. Tables IV and V detail how the
SYNC
and BLANK inputs modify the output levels.
The SETUP input is used to specify whether a 0 IRE (SETUP
= GND) or 7.5 IRE (SETUP = VAA) blanking pedestal is to be
used.
The analog outputs of the ADV478 and ADV471 are capable
of directly driving a 37.5
Ω load, such as a doubly terminated
75
Ω coaxial cable.
Figure 4. Composite Video Output Waveform (SETUP = GND)
Table V. Video Output Truth Table (SETUP = GND)
DAC
Description
IOUT (mA)
l
SYNC
BLANK
Input Data
WHITE LEVEL
26.67
1
1
FFH
DATA
data+8.05
1
1
data
DATA-SYNC
data
0
1
data
BLACK LEVEL
8.05
1
1
00H
BLACK-SYNC
0
0
1
00H
BLANK LEVEL
8.05
1
0
xxH
SYNC LEVEL
0
0
0
xxH
NOTE
1Typical with full-scale IOG= 26.67 mA, SETUP = GND.
External voltage or current reference adjusted for 26.67 mA full-scale output.
OBSOLETE


Similar Part No. - ADV478_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV478KP35 AD-ADV478KP35 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP50 AD-ADV478KP50 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP66 AD-ADV478KP66 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478KP80 AD-ADV478KP80 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
More results

Similar Description - ADV478_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
ADV475 AD-ADV475_15 Datasheet
1Mb / 3P
   CMOS 80 MHZ MONOLITHIC 2560 WORD POWER DOWN COLOR PALETTE RAM DACS
REV. 0
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
logo
Texas Instruments
TLC34058 TI1-TLC34058 Datasheet
481Kb / 26P
[Old version datasheet]   256 횞 24 COLOR PALETTE
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
List of Unclassifed Man...
BT453 ETC-BT453 Datasheet
932Kb / 17P
   66Mhz Monolithic CMOS 256X24 Color Palette RAMDAC
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com