Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-4341W_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-4341W_2015
Description  40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4341W_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-4341W_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-4341W_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-4341W_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-4341W_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-4341W_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-4341W-CXX0G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2009 V1.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
70
oC
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
70
oC
Power Supply Current
ICC (TX+RX)
330
500
mA
Data Rate
2.125
8.5
Gb/s
Transmitter Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Average Launch Power
Po, AVG
-1
3
dBm
1
Output Center Wavelength
λ
λc –5.5
λc
λc +7.5
nm
2
Output Spectrum Width
∆λ
---
1
nm
-20 dB width
Side Mode Suppression Ratio
SMSR
30
dB
Relative Intensity Noise
RIN
-128
dB/Hz
Average Launch Power of OFF
Transmitter
-30
dBm
1. Output power is power coupled into a 9/125
µm single-mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1470 nm to 1610 nm, each step 20 nm.
Receiver Optical Specifications (0
oC < Topr < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Sensitivity
-16
dBm
3
Receiver Overload
PMAX
-1
---
dBm
LOS -- Deasserted
LOSD
---
---
-16
dBm
Transition: low to high
LOS -- Asserted
LOSA
-28
---
---
dBm
Transition: high to low
Wavelength of Operation
λc
1260
1620
nm
3. Measured with average power; BER < 10
-12 and PRBS 27-1.
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
2.125
8.5
Gb/s
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
150
1200
mVpp
Internally AC coupled
Output Data Rate
2.125
8.5
Gb/s
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
350
600
700
mVpp
Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc+0.3
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V


Similar Part No. - SPS-4341W_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4341W-CXX0G OPTOWAY-SPS-4341W-CXX0G Datasheet
172Kb / 5P
   8.5 Gb/s / CWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-D21G OPTOWAY-SPS-4341W-D21G Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-D22G OPTOWAY-SPS-4341W-D22G Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-D23G OPTOWAY-SPS-4341W-D23G Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W-D24G OPTOWAY-SPS-4341W-D24G Datasheet
198Kb / 7P
   8.5 Gbps/ DWDM / 40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-4341W_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2341W-DXXG OPTOWAY-SPS-2341W-DXXG_15 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4341W OPTOWAY-SPS-4341W_15 Datasheet
191Kb / 5P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341W-DXXG_2015 OPTOWAY-SPS-2341W-DXXG_2015 Datasheet
200Kb / 7P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W_2015 OPTOWAY-SPS-4345W_2015 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4345W OPTOWAY-SPS-4345W_15 Datasheet
204Kb / 8P
   40 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W_2015 OPTOWAY-SPS-4381W_2015 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381W OPTOWAY-SPS-2381W_15 Datasheet
203Kb / 7P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W OPTOWAY-SPS-4371W_15 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4371W_2015 OPTOWAY-SPS-4371W_2015 Datasheet
194Kb / 5P
   70 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4381W OPTOWAY-SPS-4381W_15 Datasheet
199Kb / 6P
   80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com