Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # SMCJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMCJ Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  SMCJ Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMCJ Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SMCJ Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SMCJ Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1500 Watt Surface Mount TVS
Uni
Bi
VR (V)
Min (V)
Max (V)
IT (mA)
IR (
µA)
Ipp (A)
Vc (V)
SMCJ43
SMCJ43C
GFS
BFS
43.0
47.80
58.40
1
5
19.56
76.7
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.80
52.80
1
5
21.61
69.4
SMCJ45
SMCJ45C
GFU
BFU
45.0
50.00
61.10
1
5
18.68
80.3
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.00
55.30
1
5
20.63
72.7
SMCJ48
SMCJ48C
GFW BFW
48.0
53.30
65.10
1
5
17.54
85.5
SMCJ48A
SMCJ48CA
GFX
BFX
48.0
53.30
58.90
1
5
19.38
77.4
SMCJ51
SMCJ51C
GFY
BFY
51.0
56.70
69.30
1
5
16.47
91.1
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.0
56.70
62.70
1
5
18.20
82.4
SMCJ54
SMCJ54C
GGD BGD
54.0
60.00
73.30
1
5
15.58
96.3
SMCJ54A
SMCJ54CA
GGE
BGE
54.0
60.00
66.30
1
5
17.22
87.1
SMCJ58
SMCJ58C
GGF
BGF
58.0
64.40
78.70
1
5
14.56
103.0
SMCJ58A
SMCJ58CA
GGG BGG
58.0
64.40
71.20
1
5
16.03
93.6
SMCJ60
SMCJ60C
GGH BGH
60.0
66.70
81.50
1
5
14.02
107.0
SMCJ60A
SMCJ60CA
GGK
BGK
60.0
66.70
73.70
1
5
15.50
96.8
SMCJ64
SMCJ64C
GGL
BGL
64.0
71.10
86.40
1
5
13.16
114.0
SMCJ64A
SMCJ64CA
GGM BGM
64.0
71.10
78.60
1
5
14.56
103.0
SMCJ70
SMCJ70C
GGN BGN
70.0
77.80
95.10
1
5
12.00
125.0
SMCJ70A
SMCJ70CA
GGP
BGP
70.0
77.80
86.00
1
5
13.27
113.0
SMCJ75
SMCJ75C
GGQ BGQ
75.0
83.30
102.00
1
5
11.19
134.0
SMCJ75A
SMCJ75CA
GGR BGR
75.0
83.30
92.10
1
5
12.40
121.0
SMCJ78
SMCJ78C
GGS
BGS
78.0
86.70
106.00
1
5
10.79
139.0
SMCJ78A
SMCJ78CA
GGT
BGT
78.0
86.70
95.80
1
5
11.90
126.0
SMCJ85
SMCJ85C
GGU BGU
85.0
94.40
115.00
1
5
9.93
151.0
SMCJ85A
SMCJ85CA
GGV
BGV
85.0
94.40
104.00
1
5
10.95
137.0
SMCJ90
SMCJ90C
GGW BGW
90.0
100.00
122.00
1
5
9.38
160.0
SMCJ90A
SMCJ90CA
GGX
BGX
90.0
100.00
111.00
1
5
10.27
146.0
SMCJ100
SMCJ100C
GGY
BGY
100.0
111.00
136.00
1
5
8.38
179.0
SMCJ100A
SMCJ100CA
GGZ
BGZ
100.0
111.00
123.00
1
5
9.26
162.0
SMCJ110
SMCJ110C
GHD
BHD
110.0
122.00
149.00
1
5
7.65
196.0
SMCJ110A
SMCJ110CA
GHE
BHE
110.0
122.00
135.00
1
5
8.47
177.0
SMCJ120
SMCJ120C
GHF
BHF
120.0
133.00
163.00
1
5
7.01
214.0
SMCJ120A
SMCJ120CA
GHG BHG
120.0
133.00
147.00
1
5
7.77
193.0
SMCJ130
SMCJ130C
GHH
BHH
130.0
144.00
176.00
1
5
6.49
231.0
SMCJ130A
SMCJ130CA
GHK
BHK
130.0
144.00
159.00
1
5
7.18
209.0
SMCJ150
SMCJ150C
GHL
BHL
150.0
167.00
204.00
1
5
5.60
268.0
SMCJ150A
SMCJ150CA
GHM BHM
150.0
167.00
185.00
1
5
6.17
243.0
SMCJ160
SMCJ160C
GHN
BHN
160.0
178.00
218.00
1
5
5.23
287.0
SMCJ160A
SMCJ160CA
GHP
BHP
160.0
178.00
197.00
1
5
5.79
259.0
SMCJ170
SMCJ170C
GHQ BHQ
170.0
189.00
231.00
1
5
4.93
304.0
SMCJ170A
SMCJ170CA
GHR
BHR
170.0
189.00
209.00
1
5
5.45
275.0
SMCJ180
SMCJ180C
GHS
BHS
180.0
200.00
244.00
1
5
4.66
322.2
SMCJ180A
SMCJ180CA
GHT
BHT
180.0
200.00
220.00
1
5
5.14
291.6
SMCJ190
SMCJ190C
GHU
BHU
190.0
211.00
258.00
1
5
4.41
340.1
SMCJ190A
SMCJ190CA
GHV
BHV
190.0
211.00
232.00
1
5
4.87
307.8
SMCJ200A
SMCJ200CA
GHW BHW
200.0
224.00
247.00
1
5
4.63
324.0
SMCJ220A
SMCJ220CA
GHX
BHX
220.0
246.00
272.00
1
5
4.21
356.0
SMCJ250A
SMCJ250CA
GHZ
BHZ
250.0
279.00
309.00
1
5
3.70
405.0
SMCJ300A
SMCJ300CA
GJE
BJE
300.0
335.00
371.00
1
5
3.09
486.0
SMCJ350A
SMCJ350CA
GJG
BJG
350.0
391.00
432.00
1
5
2.65
567.0
SMCJ400A
SMCJ400CA
GJK
BJK
400.0
447.00
494.00
1
5
2.31
648.0
SMCJ440A
SMCJ440CA
GJM
BJM
440.0
492.00
543.00
1
5
2.10
713.0
383
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
@ Ipp
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Reverse
Standoff
Voltage
Breakdown Voltage VBR @ IT
Maximum
Reverse
Leakage
@ VR


Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
RFE international
SMCJ RFE-SMCJ Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ LUGUANG-SMCJ Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com