Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-7110VWG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-7110VWG_2015
Description  1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7110VWG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-7110VWG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-7110VWG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-7110VWG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-7110VWG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-7110VWG_2015 Datasheet HTML 5Page - Optoway Technology Inc SPS-7110VWG_2015 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPS-7110VWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008 V1.0
1
SPS-7110VWG
(RoHS Compliant)
1310 nm / 1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 292M/297M/259M Compatible
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Speed from 50 Mbps to 1.5 Gbps
l Distance up to 21 km for 1.5G-SDI
l Support Video Pathological Patterns for SD-SDI and
HD-SDI
l SFF-8472 Digital Diagnostic Function
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 292M/297M/259M Compliant
Electrical-to-Optical Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-7110VWG is a single mode transceiver module
designed to transmit/receive optical serial digital signals as
defined in SMPTE 292M/297M/259M. It supports from 50
Mbps to 1.5 Gbps and is specifically designed for
transmitted the SMPTE 292M, SMPTE 297M and SMPTE
259M SDI pathological patterns. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. It is with 1310 nm laser
transmitters. The transmitter can transmit signal from 50
Mbps to 1.5 Gbps with up to 30 km of single-mode fiber. A
maximum distance of 21 km is achievable with 1.5 Gbps
pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-7110VWG
TRX
50 to 1500
1310
0 to -7
1260/1620
0 to -20
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
SDI
Bit Rate
Max. Link Distance (km)
HD-SDI
1.485Gbps
21
SD-SDI
270Mbps
30


Similar Part No. - SPS-7110VWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VWG OPTOWAY-SPS-7110VWG_15 Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
More results

Similar Description - SPS-7110VWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VWG OPTOWAY-SPS-7110VWG_15 Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9380VWG_2015 OPTOWAY-SPS-9380VWG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG OPTOWAY-SPS-9130VWG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG OPTOWAY-SPS-9110VWG_15 Datasheet
166Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG_2015 OPTOWAY-SPS-9110VWG_2015 Datasheet
166Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG_2015 OPTOWAY-SPS-9130VWG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9350VWG_2015 OPTOWAY-SPS-9350VWG_2015 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9350VWG OPTOWAY-SPS-9350VWG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9380VWG OPTOWAY-SPS-9380VWG_15 Datasheet
165Kb / 6P
   3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-7110VG OPTOWAY-SPS-7110VG_15 Datasheet
166Kb / 6P
   1.5 Gb/s Medium Power SM Video SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com