Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1846 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 2 Page - Analog Devices

  AD1846_15 Datasheet HTML 1Page - Analog Devices AD1846_15 Datasheet HTML 2Page - Analog Devices AD1846_15 Datasheet HTML 3Page - Analog Devices AD1846_15 Datasheet HTML 4Page - Analog Devices AD1846_15 Datasheet HTML 5Page - Analog Devices AD1846_15 Datasheet HTML 6Page - Analog Devices AD1846_15 Datasheet HTML 7Page - Analog Devices AD1846_15 Datasheet HTML 8Page - Analog Devices AD1846_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. A
–2–
AD1846–SPECIFICATIONS
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
DAC Output Conditions
Post-Autocalibrated
Temperature
25
°C
0 dB Attenuation
Digital Supply (VDD)
5.0
V
Full Scale (0 dB)
Analog Supply (VCC)
5.0
V
16-Bit Linear Mode
Word Rate (FS )
48
kHz
No Output Load
Input Signal
1007
Hz
Mute Off
Analog Output Passband
20 Hz to 20 kHz
ADC Input Conditions
FFT Size
4096
Post-Autocalibrated
VIH
2.4
V
0 dB Gain
VIL
0.8
V
–1.0 dB Relative to Full Scale
VOH
2.4
V
Line Input
VOL
0.4
V
16-Bit Linear Mode
Inputs Driven with Low Impedance (
≈ 50 Ω) Source
ANALOG INPUT
Min
Typ
Max
Units
Full Scale Input Voltage (RMS Values Assume Sine Wave Input)
Line
1
V rms
2.5
2.8
3.1
V p-p
Mic
1
V rms
MGE = 0
2.5
2.8
3.1
V p-p
MGE = 1
0.29
0.36
0.43
V p-p
Input Impedance
100
k
Input Capacitance
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Min
Typ
Max
Units
Step Size (0 dB to 22.5 dB)
1.0
1.5
2.0
dB
(All Steps Tested)
PGA Gain Range Span
21.0
22.5
24.0
dB
AUXILIARY INPUT ANALOG AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size (+12 dB to –28.5 dB, Referenced to DAC Full Scale)
1.3
1.5
1.7
dB
(–30 dB to –34.5 dB, Referenced to DAC Full Scale)
1.0
1.5
2.0
dB
Auxiliary Gain/Attenuation Range Span
45.5
46.5
47.5
dB
Auxiliary Input Impedance*
10
k
OBSOLETE
OBSOLETE
OBSOLETE


Similar Part No. - AD1846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846JP AD-AD1846JP Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results

Similar Description - AD1846_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com