Electronic Components Datasheet Search |
|
1N4007 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd . |
|
1N4007 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd . |
1 / 2 page 1.0 AMP SILICON RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=75 C FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note 1) 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNITS 50 100 200 400 600 800 1000 V 50 100 200 400 600 800 1000 V 35 70 140 280 420 560 700 1.0 30 5.0 50 15 -65 +150 V A A V pF NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any 1N4001 THRU 1N4007 1.0 Typical Thermal Resistance R JA (Note 2) 50 VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere DO-41 Dimensions in inches and (millimeters) 1.0(25.4) MIN. 1.0(25.4) MIN. .205(5.2) .166(4.2) .034(.9) .028(.7) DIA. .107(2.7) .080(2.0) DIA. Operating and Storage Temperature Range TJ, TSTG C C/W A A 204 |
Similar Part No. - 1N4007 |
|
Similar Description - 1N4007 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |