Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9140FWG_2015 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9140FWG_2015
Description  2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9140FWG_2015 Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9140FWG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9140FWG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9140FWG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9140FWG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9140FWG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9140FWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-9140FWG / SPS-9140BFWG / SPS-9140AFWG
(RoHS Compliant)
3.3V / 1310 nm / 2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with Fiber Channel 1X/2X SM-LC-L FC-PI
l Compliant with IEEE 802.3z Gigabit Ethernet
l SFF-8472 Digital Diagnostic Function
l 1310 nm DFB LD Transmitter
l 22 dB Power Budget at Least
l Distance up to 40 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation : SPS-9140FWG
l -10 to 85oC Operation : SPS-9140BFWG
l -40 to 85oC Operation : SPS-9140AFWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-9140FWG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as Gigabit Ethernet and
Fiber Channel 1x/2x SM-LC-L FC-PI. It is with the SFP
20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1310 nm. A guaranteed minimum optical
link budget of 22 dB is offered which can correspond to a
link distance of over 40 km (assuming worst case fiber loss
of 0.4 dB/km). The transmitter section uses a multiple
quantum well 1310 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9140FWG
2.125/1.063
200/100
40
1310 DFB
LC SFP with DMI
0 to 70
5 to 0
-22
Yes
SPS-9140BFWG
2.125/1.063
200/100
40
1310 DFB
LC SFP with DMI
-10 to 85
5 to 0
-22
Yes
SPS-9140AFWG
2.125/1.063
200/100
40
1310 DFB
LC SFP with DMI
-40 to 85
5 to 0
-22
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-9140FWG
SPS-9140BFWG
SPS-9140AFWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-9140FWG
oC / SPS-9140BFWG
oC / SPS-9140AFWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
1000
2125
Mb/s


Similar Part No. - SPS-9140FWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9140FWG OPTOWAY-SPS-9140FWG_08 Datasheet
149Kb / 5P
   3.3V / 1310 nm / 2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9140FWG OPTOWAY-SPS-9140FWG_15 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9140FWG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120FWG_2015 OPTOWAY-SPS-93120FWG_2015 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380FW-CXX0G OPTOWAY-SPS-9380FW-CXX0G_15 Datasheet
151Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120FW-CXX0G_2015 OPTOWAY-SPS-93120FW-CXX0G_2015 Datasheet
152Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100FWG OPTOWAY-SPS-93100FWG_15 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120FW-CXX0G OPTOWAY-SPS-93120FW-CXX0G_15 Datasheet
152Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120FWG OPTOWAY-SPS-93120FWG_15 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380FWG_2015 OPTOWAY-SPS-9380FWG_2015 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380FW-CXX0G_2015 OPTOWAY-SPS-9380FW-CXX0G_2015 Datasheet
151Kb / 5P
   2.125 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380FWG OPTOWAY-SPS-9380FWG_15 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93100FWG_2015 OPTOWAY-SPS-93100FWG_2015 Datasheet
149Kb / 5P
   2.125 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com