Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK316BJ106KLHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK316BJ106KLHT
Description  Multilayer Ceramic Capacitors (High dielectric type) for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK316BJ106KLHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  EMK316BJ106KLHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK316BJ106KLHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Multilayer Ceramic Capacitors (High dielectric type) for Automotive / Industrial Applications
EMK316BJ106KLHT
Features
Item Summary
16V, X5R, 10μF, ±10%, 1206
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1206/3216
Rated Voltage (max)
16V
Capacitance
10μF
Capacitance Tolerance
±10%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
5%MAX
Temperature Characteristics (EIA/JIS)
X5R/-
Temperature Range (EIA/JIS)
-55 to +85℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.15
W
1.6mm ±0.15
T
1.6mm ±0.20
e
0.5mm +0.35:-0.25
2015.01.26
1 / 1


Similar Part No. - EMK316BJ106KLHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK316BJ106KL-T TAIYO-YUDEN-EMK316BJ106KL-T Datasheet
144Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
EMK316BJ106KL8T TAIYO-YUDEN-EMK316BJ106KL8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results

Similar Description - EMK316BJ106KLHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316BJ225MLHT TAIYO-YUDEN-TMK316BJ225MLHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
TMK316BJ475MLHT TAIYO-YUDEN-TMK316BJ475MLHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK212B7104MGHT TAIYO-YUDEN-UMK212B7104MGHT Datasheet
303Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107B7222MAHT TAIYO-YUDEN-UMK107B7222MAHT Datasheet
313Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107B7332KAHT TAIYO-YUDEN-UMK107B7332KAHT Datasheet
313Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK212B7473KGHT TAIYO-YUDEN-UMK212B7473KGHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK107BJ104MAHT TAIYO-YUDEN-UMK107BJ104MAHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
UMK316B7105KLHT TAIYO-YUDEN-UMK316B7105KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK316AB7106MLHT TAIYO-YUDEN-EMK316AB7106MLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
JMK316AB7226KLHT TAIYO-YUDEN-JMK316AB7226KLHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
TMK325B7475KNHT TAIYO-YUDEN-TMK325B7475KNHT Datasheet
266Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com