Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1603CT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # HER1603CT
Description  16.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

HER1603CT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  HER1603CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . HER1603CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER1601CT THRU HER1606CT
16.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
16.0
1.0
1.3
200
10.0
200
60
100
65
-55
+150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
V
50
100
200
300
400
600
50
100
200
300
400
600
35
70
140
210
280
420
V
V
1.85
* High speed switching
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
VOLTAGE RANGE
50 to 600 Volts
CURRENT
16.0 Ampere
Operating and Storage Temperature Range TJ, TSTG
A
A
V
nS
pF
C
A
A
Dimensions in inches and (millimeters)
+
PIN 1
PIN 3
PIN 2
CASE
TO-220
.412
.248
.180
.050
.120
.158
.603(15.3)
.578(14.7)
.576(14.6)
.514(13.0)
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
UNITS
HER
HER
HER
HER
HER
HER
1601CT
1602CT
1603CT
1604CT
1605CT
1606CT
at Tc=75 C
154


Similar Part No. - HER1603CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER1603CT THINKISEMI-HER1603CT Datasheet
641Kb / 2P
   16Ampere Heat Sink Dual Common Cathode High Efficiency Rectifiers
logo
Nantong Hornby Electron...
HER1603CT HORNBY-HER1603CT Datasheet
306Kb / 3P
   GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
HY ELECTRONIC CORP.
HER1603CT HY-HER1603CT Datasheet
418Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
HER1603CT THINKISEMI-HER1603CT Datasheet
262Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
HER1603CTA THINKISEMI-HER1603CTA Datasheet
642Kb / 2P
   16Ampere Heat Sink Dual Common Anode High Efficiency Rectifiers
More results

Similar Description - HER1603CT

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HERF1601CT GWSEMI-HERF1601CT Datasheet
74Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1602-2C16A-2CTO-220AB DGNJDZ-HER1602-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER1601 BYTES-HER1601 Datasheet
161Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1604-2C16A-2CTO-220AB DGNJDZ-HER1604-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER1601 UNIOHM-HER1601 Datasheet
71Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1606-2C16A-2CTO-220AB DGNJDZ-HER1606-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601-2C16A-2CTO-220AB DGNJDZ-HER1601-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601 DGNJDZ-HER1601 Datasheet
180Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER1601 FORMOSA-HER1601 Datasheet
38Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER1603-2C16A-2CTO-220AB DGNJDZ-HER1603-2C16A-2CTO-220AB Datasheet
214Kb / 2P
   16.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com