Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT29FCT52A Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT29FCT52A
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT52A Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT29FCT52A Datasheet HTML 1Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 2Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 3Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 4Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 5Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 6Page - Integrated Device Technology IDT29FCT52A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
7.1
5
IDT29FCT52A/B/C, IDT29FCT53A/B/C
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
tPLH
Propagation Delay
CL = 50pF
2.0
10.0
2.0
11.0
2.0
7.5
2.0
8.0
2.0
6.3
2.0
7.3
ns
tPHL
CPA, CPB to An, Bn
RL = 500
tPZH
Output Enable Time
1.5
10.5
1.5
13.0
1.5
8.0
1.5
8.5
1.5
7.0
1.5
8.0
ns
tPZL
OEA or OEB to
An or Bn
tPHZ
Output Disable Time
1.5
10.0
1.5
10.0
1.5
7.5
1.5
8.0
1.5
6.5
1.5
7.5
ns
tPLZ
OEA or OEB to
An or Bn
tSU
Set-up Time HIGH
2.5
2.5
2.5
2.5
2.5
2.5
ns
or LOW An, Bn to
CPA, CPB
tH
Hold Time HIGH
2.0
2.0
1.5
1.5
1.5
1.5
ns
or LOW An, Bn to
CPA, CPB
tSU
Set-up Time HIGH
3.0
3.0
3.0
3.0
3.0
3.0
ns
or LOW
CEA, CEB to
CPA, CPB
tH
Hold Time HIGH
2.0
2.0
2.0
2.0
2.0
2.0
ns
or LOW
CEA, CEB to
CPA, CPB
tW
Pulse Width, HIGH
(3)
3.0
3.0
3.0
3.0
3.0
3.0
ns
or LOW CPA or CPB
NOTES:
2533 tbl 08
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT29FCT52A/53A
IDT29FCT52B/53B
IDT29FCT52C/53C
Com’l.
Mil.
Com’l.
Mil.
Com’l.
Mil.
Symbol
Parameter
Condition
(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit


Similar Part No. - IDT29FCT52A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - IDT29FCT52A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com