Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49C460A Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT49C460A
Description  32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C460A Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT49C460A Datasheet HTML 1Page - Integrated Device Technology IDT49C460A Datasheet HTML 2Page - Integrated Device Technology IDT49C460A Datasheet HTML 3Page - Integrated Device Technology IDT49C460A Datasheet HTML 4Page - Integrated Device Technology IDT49C460A Datasheet HTML 5Page - Integrated Device Technology IDT49C460A Datasheet HTML 6Page - Integrated Device Technology IDT49C460A Datasheet HTML 7Page - Integrated Device Technology IDT49C460A Datasheet HTML 8Page - Integrated Device Technology IDT49C460A Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FEATURES:
• Fast
Detect
Correct
— IDT49C460E
10ns (max.)
14ns (max.)
— IDT49C460D
12ns (max.)
18ns (max.)
— IDT49C460C
16ns (max.)
24ns (max.)
— IDT49C460B
25ns (max.)
30ns (max.)
— IDT49C460A
30ns (max.)
36ns (max.)
— IDT49C460
40ns (max.)
49ns (max.)
• Low-power CMOS
— Commercial: 95mA (max.)
— Military: 125mA (max.)
• Improves system memory reliability
— Corrects all single bit errors, detects all double and some
triple-bit errors
• Cascadable
— Data words up to 64-bits
• Built-in diagnostics
— Capable of verifying proper EDC operation via software
control
• Simplified byte operations
— Fast byte writes possible with separate byte enables
• Functional replacement for 32- and 64-bit configurations of
the AM29C60 and AM29C660
• Available in PGA, PLCC and Fine Pitch Flatpack
• Military product compliant to MIL-STD-883, Class B
• Standard Military Drawing #5962–88533
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1995
©1995 Integrated Device Technology, Inc.
11.6
DSC-9017/8
32-BIT CMOS
ERROR DETECTION
AND CORRECTION UNIT
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
DESCRIPTION:
The IDT49C460s are high-speed, low-power, 32-bit Error
Detection and Correction Units which generate check bits on
a 32-bit data field according to a modified Hamming Code and
correct the data word when check bits are supplied. The
IDT49C460s are performance-enhanced functional replace-
ments for 32-bit versions of the 2960. When performing a read
operation from memory, the IDT49C460s will correct 100% of
all single bit errors and will detect all double bit errors and
some triple bit errors.
The IDT49C460s are easily cascadable to 64-bits. Thirty-
two-bit systems use 7 check bits and 64-bit systems use 8
check bits. For both configurations, the error syndrome is
made available.
The IDT49C460s incorporate two built-in diagnostic modes.
Both simplify testing by allowing for diagnostic data to be
entered into the device and to execute system diagnostics
functions.
They are fabricated using a CMOS technology designed for
high-performance and high-reliability. The devices are pack-
aged in a 68-pin ceramic PGA, PLCC and Ceramic Quad
Flatpack.
Military grade product is manufactured in compliance with
the latest revision of MIL-STD-883, Class B, making it ideally
suited to military temperature applications demanding the
highest level of performance and reliability.
1
FUNCTIONAL BLOCK DIAGRAM
DATA
LATCH
ERROR
CORRECT
ERROR
DECODE
MUX
DATA
LATCH
CHECK BIT
GENERATE
MUX
MUX
CHECK BIT
IN LATCH
DIAGNOSTIC
LATCH
SYNDROME
GENERATE
ERROR
DETECT
CONTROL
LOGIC
MUX
8
8
8
5
8
8
8
32
32
4
32
13
CB0–7
DATA0–31
OE BYTE0–3
LEIN
LEDIAG
LEOUT/
GENERATE
CORRECT
CODE ID1,0
DIAG MODE1,0
SC0–7
OESC
ERROR
MULT ERROR
2584 drw 01
IDT49C460
IDT49C460A
IDT49C460B
IDT49C460C
IDT49C460D
IDT49C460E


Similar Part No. - IDT49C460A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465A IDT-IDT49C465A Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AG IDT-IDT49C465AG Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465AGB IDT-IDT49C465AGB Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C465APQF IDT-IDT49C465APQF Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C460A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com