Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT29FCT52C Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT29FCT52C
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT29FCT52C Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT29FCT52C Datasheet HTML 1Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 2Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 3Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 4Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 5Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 6Page - Integrated Device Technology IDT29FCT52C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7.1
4
IDT29FCT52A/B/C, IDT29FCT53A/B/C
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power Supply
VCC = Max.
0.5
1.5
µA
Current
VIN
≥ VHC; VIN ≤ VLC
∆ICC
Quiescent Power Supply
Vcc = Max.
0.5
2.0
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply
Vcc = Max.
VIN
≥ VHC
0.15
0.25
mA/
Current
(4)
Outputs Open
VIN
≤ VLC
MHz
OEA or OEB= GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply
Vcc = Max.
VIN
≥ VHC
2.0
4.0
mA
Current
(6)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
OEA or OEB= GND
One Bit Toggling
VIN = 3.4V
2.5
6.0
at fi = 5MHz
VIN = GND
50% Duty Cycle
VCC = Max.
VIN
≥ VHC
4.3
7.8
(5)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
OEA or OEB = GND
Eight Bits Toggling
VIN = 3.4V
6.5
16.8
(5)
at fi = 2.5MHz
VIN = GND
50% Duty Cycle
NOTES:
2533 tbl 07
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - IDT29FCT52C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52CT IDT-IDT29FCT52CT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Similar Description - IDT29FCT52C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com