Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9772 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9772_15 Datasheet HTML 4Page - Analog Devices AD9772_15 Datasheet HTML 5Page - Analog Devices AD9772_15 Datasheet HTML 6Page - Analog Devices AD9772_15 Datasheet HTML 7Page - Analog Devices AD9772_15 Datasheet HTML 8Page - Analog Devices AD9772_15 Datasheet HTML 9Page - Analog Devices AD9772_15 Datasheet HTML 10Page - Analog Devices AD9772_15 Datasheet HTML 11Page - Analog Devices AD9772_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
REV. 0
AD9772
–8–
DEFINITIONS OF SPECIFICATIONS
Linearity Error (Also Called Integral Nonlinearity or INL)
Linearity error is defined as the maximum deviation of the actual
analog output from the ideal output, determined by a straight
line drawn from zero to full scale.
Differential Nonlinearity (or DNL)
DNL is the measure of the variation in analog value, normal-
ized to full scale, associated with a 1 LSB change in digital input
code.
Monotonicity
A D/A converter is monotonic if the output either increases or
remains constant as the digital input increases.
Offset Error
The deviation of the output current from the ideal of zero is
called offset error. For IOUTA, 0 mA output is expected when
the inputs are all 0s. For IOUTB, 0 mA output is expected
when all inputs are set to 1s.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the output when all inputs are set
to 1s, minus the output when all inputs are set to 0s.
Output Compliance Range
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (+25
°C) value to the value at either T
MIN or TMAX.
For offset and gain drift, the drift is reported in ppm of full-
scale range (FSR) per degree C. For reference drift, the drift is
reported in ppm per degree C.
Power Supply Rejection
The maximum change in the full-scale output as the supplies
are varied from minimum to maximum specified voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band about its final value, measured from the
start of the output transition.
Glitch Impulse
Asymmetrical switching times in a DAC give rise to undesired
output transients that are quantified by a glitch impulse. It is
specified as the net area of the glitch in pV-s.
Spurious-Free Dynamic Range
The difference, in dB, between the rms amplitude of the output
signal and the peak spurious signal over the specified bandwidth.
Total Harmonic Distortion
THD is the ratio of the rms sum of the first six harmonic com-
ponents to the rms value of the measured fundamental. It is
expressed as a percentage or in decibels (dB).
Signal-to-Noise Ratio (SNR)
S/N is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency, excluding the first six harmonics and dc.
The value for SNR is expressed in decibels.
Passband
Frequency band in which any input applied therein passes
unattenuated to the DAC output.
Stopband Rejection
The amount of attenuation of a frequency outside the passband
applied to the DAC, relative to a full-scale signal applied at the
DAC input within the passband.
Group Delay
Number of input clocks between an impulse applied at the
device input and peak DAC output current.
Impulse Response
Response of the device to an impulse applied to the input.
Adjacent Channel Power Ratio (or ACPR)
A ratio in dBc between the measured power within a channel
relative to its adjacent channel.
AD9772
3.0V
3.0V
FROM HP8644A
SIGNAL GENERATOR
3.0V
CLKVDD
CLKCOM
CLK+
1
FILTER
CONTROL
MUX
CONTROL
PLLCOM
LPF
PLLVDD
IOUTA
IOUTB
REFIO
FSADJ
REFLO
AVDD
ACOM
DVDD
DCOM
SLEEP
EDGE-
TRIGGERED
LATCHES
ZERO
STUFF
MUX
14-BIT DAC
100
MINI-CIRCUITS
T1–1T
20pF
50
50
20pF
1.91k
0.1 F
+1.2V REFERENCE
AND CONTROL AMP
AWG2021
OR
DG2020
DIGITAL
DATA
EXT.
CLOCK
HP8130
PULSE GENERATOR
CH1
CH2
EXT. INPUT
PLLCLOCK
MULTIPLIER
2 /4
CLK–
1k
1k
1 /2
CLOCK DISTRIBUTION
AND MODE SELECT
2
FIR
INTERPOLATION
FILTER
TO FSEA30
SPECTRUM
ANALYZER
Figure 3. Basic AC Characterization Test Setup
OBSOLETE


Similar Part No. - AD9772_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772A AD-AD9772A Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772A-EB AD-AD9772A-EB Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772AAST AD-AD9772AAST Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9772AAST AD-AD9772AAST Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
More results

Similar Description - AD9772_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
Integrated Device Techn...
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com