Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49FCT805AP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT49FCT805AP
Description  FAST CMOS BUFFER/CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT805AP Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT49FCT805AP Datasheet HTML 1Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 2Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 3Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 4Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 5Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 6Page - Integrated Device Technology IDT49FCT805AP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
FAST CMOS
BUFFER/CLOCK DRIVER
FEATURES:
• 0.5 MICRON CMOS Technology
• Guaranteed low skew < 700ps (max.)
• Low duty cycle distortion < 1ns (max.)
• Low CMOS power levels
• TTL compatible inputs and outputs
• Rail-to-rail output voltage swing
• High drive: -24mA IOH, 64mA IOL
• Two independent output banks with 3-state control
• 1:5 fanout per bank
• ‘Heartbeat’ monitor output
• Available in DIP, SOIC, SSOP (805 only), QSOP (805
only), Cerpack and LCC packages
• Military product compliant to MIL-STD-883, Class B
DESCRIPTION:
The IDT49FCT805/A and IDT49FCT806/A are clock
drivers built using advanced dual metal CMOS technology.
The IDT49FCT805/A is a non-inverting clock driver and the
IDT49FCT806/A is an inverting clock driver. Each device
consists of two banks of drivers. Each bank drives five output
buffers from a standard TTL compatible input. The devices
feature a "heartbeat" monitor for diagnostics and PLL driving.
The MON output is identical to all other outputs and complies
with the output specifications in this document.
The
IDT49FCT805/A and IDT49FCT806/A offer low capacitance
inputs with hysteresis.
Rail-to-rail output swing improves
noise margin and allows easy interface with CMOS inputs.
IDT49FCT805
IDT49FCT806
IDT49FCT805/A
IDT49FCT806/A
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SEPTEMBER 1996
©1996 Integrated Device Technology, Inc.
9.1
DSC-2574/10
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
OEA
5
5
INA
INB
OEB
OA1-OA5
OB1-OB5
MON
2574 drw 01
OEA
5
5
INA
INB
OEB
OA1-OA5
OB1-OB5
MON
2574 drw 02
FUNCTIONAL BLOCK DIAGRAMS


Similar Part No. - IDT49FCT805AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805APYG IDT-IDT49FCT805APYG Datasheet
76Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
More results

Similar Description - IDT49FCT805AP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT805 IDT-IDT49FCT805_09 Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805AQGI IDT-IDT49FCT3805AQGI Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT805BT RENESAS-IDT49FCT805BT Datasheet
243Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
IDT49FCT806 RENESAS-IDT49FCT806 Datasheet
230Kb / 8P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT810BT IDT-IDT74FCT810BT Datasheet
107Kb / 6P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT806 IDT-IDT49FCT806_09 Datasheet
74Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805APY IDT-IDT49FCT3805APY Datasheet
72Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
74FCT810T RENESAS-74FCT810T Datasheet
224Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT49FCT805BT IDT-IDT49FCT805BT Datasheet
125Kb / 7P
   FAST CMOS BUFFER/CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT805T PERICOM-PI49FCT805T Datasheet
421Kb / 8P
   Fast CMOS Buffer/Clock Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com