Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT6178S10P Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT6178S10P
Description  CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6178S10P Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT6178S10P Datasheet HTML 1Page - Integrated Device Technology IDT6178S10P Datasheet HTML 2Page - Integrated Device Technology IDT6178S10P Datasheet HTML 3Page - Integrated Device Technology IDT6178S10P Datasheet HTML 4Page - Integrated Device Technology IDT6178S10P Datasheet HTML 5Page - Integrated Device Technology IDT6178S10P Datasheet HTML 6Page - Integrated Device Technology IDT6178S10P Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
11.1
3
IDT6178S
CMOS StaticRAM 16K (4K x 4-BIT) CACHE-TAG RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6178S
Symbol
Parameter
Test Condition
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = 5.5V, VIN = 0V to VCC
—10
µA
|ILO|
Output Leakage Current
OE = VIH, VOUT = 0V to VCC
—10
µA
VOL
Output Low Voltage
IOL = 8mA (I/O0 – I/O3)
0.4
V
IOL = 10mA (I/O0 – I/O3)
0.5
V
IOL = 16mA (Match)
0.4
V
IOL = 20mA (Match)
0.5
V
VOH
Output High Voltage
IOH = –4mA (I/O0 – I/O3)
2.4
V
IOH = –8mA (Match)
2.4
V
2953 tbl 07
Figure 3. AC Test Load
(for tOLZ, tOHZ, tWHZ, tOW)
* Including scope and jig.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
AC Test Load
See Figures 2 and 3
AC Test Load for Match Cycle
See Figure 1
2953 tbl 09
480
5pF*
255
+5V
2953 drw 06
DATAOUT
240
30pF*
128
+5V
2953 drw 04
MATCHOUT
Figure 1. AC Test Load for MATCH
DC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
6178S10
6178S12
(1)
6178S15
(1)
6178S20/25
Symbol
Parameter
Max.
Max.
Max.
Max.
Unit
ICC1
Operating Power Supply Current
COM'L.
90
90
90
90
mA
Outputs Open, VCC = Max., f = 0
(2)
MIL.
110
110
110
mA
ICC2
Dynamic Operating Current
COM'L.
180
160
140
140
mA
Outputs Open, VCC = Max., f = fMAX
(2) MIL.
180
160
160
mA
NOTES:
2953 tbl 08
1.
Military values are preliminary only.
2.
fMAX = 1/tRC, only address inputs are cycling at fMAX. f = 0 means no address inputs change.
480
30pF*
255
+5V
2953 drw 05
DATAOUT
Figure 2. AC Test Load


Similar Part No. - IDT6178S10P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116LA IDT-IDT6116LA Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120DB IDT-IDT6116LA120DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA120TDB IDT-IDT6116LA120TDB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA150DB IDT-IDT6116LA150DB Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
IDT6116LA20P IDT-IDT6116LA20P Datasheet
111Kb / 11P
   CMOS STATIC RAM 16K (2K x 8 BIT)
More results

Similar Description - IDT6178S10P

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71215 IDT-IDT71215 Datasheet
155Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For the PentiumO Processor
IDT71216 IDT-IDT71216 Datasheet
154Kb / 14P
   BiCMOS StaticRAM 240K (16K x 15-BIT) CACHE-TAG RAM For PowerPCO and RISC Processors
IDT6168SA IDT-IDT6168SA Datasheet
91Kb / 9P
   CMOS STATIC RAM 16K (4K x 4-BIT)
logo
Motorola, Inc
MCM67T415 MOTOROLA-MCM67T415 Datasheet
98Kb / 3P
   16K x 15 Bit Cache Tag RAM for Pentium Processors
logo
UMC Corporation
UM61166 UMC-UM61166 Datasheet
488Kb / 8P
   4K x 16 CMOS CACHE RAM
logo
Renesas Technology Corp
IDT71215 RENESAS-IDT71215 Datasheet
322Kb / 17P
   BiCMOS Static RAM 240K (16K x 15-Bit) Cache-Tag RAM for the Pentium™ Processor
OCTOBER 1999
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com