Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9380M-CXX0G_2015 Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-9380M-CXX0G_2015
Description  Multirate SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9380M-CXX0G_2015 Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-9380M-CXX0G_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9380M-CXX0G_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9380M-CXX0G_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9380M-CXX0G_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9380M-CXX0G_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-9380M-CXX0
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V3.0
2
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-5
70
85
oC
SPS-9380M-CXX0G
SPS-9380BM-CXX0G
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-5
70
85
oC / SPS-9380M-CXX0G
oC / SPS-9380BM-CXX0G
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
125
2488
2670
Mb/s
Transmitter Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
0
---
5
dBm
1
Output Center Wavelength
λ
λc –5.5
λc
λc +7.5
nm
2
Output Spectrum Width
∆λ
---
---
1
nm
-20 dB Width
Side Mode Suppression Ratio
SMSR
30
dB
Extinction Ratio
ER
8.2
---
---
dB
Output Eye
Compliant with Telecordia GR-253-GORE and ITU-T Recommendation G.957
Optical Rise Time
tr
150
ps
20 % to 80% Values
Optical Fall Time
tf
150
ps
20 % to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Dispersion Penalty
2
dB
3
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage – Low
TDIS, L
0
0.5
V
4
TX Disable Input Voltage – High
TDIS, H
2.0
Vcc
V
4
TX Disable Assert Time
TASSERT
10
µs
TX Disable Deassert Time
TDEASSERT
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.5
V
5
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
5
1. Output power is power coupled into a 9/125
µm single mode fiber.
2. ITU-T G.694.2 CWDM wavelength from 1270 nm to 1610 nm, each step 20 nm.
3. Specified at 1600 ps/nm dispersion over G.652/G.654 fiber with center wavelength range of 1264.5 to 1617.5 nm.
4. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX.
5. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (0
oC < Topr < 70oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity @ OC-48
Sens1
-9
-28
dBm
6
Sensitivity @2X Fibre Channal
Sens2
-9
-28
dBm
7
Sensitivity @Gigabit Ethernet
Sens3
-9
-30
dBm
7
Sensitivity @OC-12
Sens4
-9
-29
dBm
6
Sensitivity @OC-3
Sens5
-18
-30
dBm
6
Signal Detect -- Asserted
Pa
---
-28
dBm
Transition: low to high


Similar Part No. - SPS-9380M-CXX0G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_15 Datasheet
150Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9380M-CXX0G_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9140MG_2015 OPTOWAY-SPS-9140MG_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9115MG_2015 OPTOWAY-SPS-9115MG_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MG_2015 OPTOWAY-SPS-93100MG_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G_2015 OPTOWAY-SPS-93100M-CXX0G_2015 Datasheet
150Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG_2015 OPTOWAY-SPS-9380MG_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_15 Datasheet
150Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MG OPTOWAY-SPS-93100MG_15 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G_2015 OPTOWAY-SPS-93120M-CXX0G_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160MG_2015 OPTOWAY-SPS-93160MG_2015 Datasheet
148Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_15 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102MG_2015 OPTOWAY-SPS-9102MG_2015 Datasheet
149Kb / 5P
   Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com